Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358NL-U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP358NL-U
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358NL-U Datasheet(HTML) 1 Page - Diodes Incorporated

  AP358NL-U Datasheet HTML 1Page - Diodes Incorporated AP358NL-U Datasheet HTML 2Page - Diodes Incorporated AP358NL-U Datasheet HTML 3Page - Diodes Incorporated AP358NL-U Datasheet HTML 4Page - Diodes Incorporated AP358NL-U Datasheet HTML 5Page - Diodes Incorporated AP358NL-U Datasheet HTML 6Page - Diodes Incorporated AP358NL-U Datasheet HTML 7Page - Diodes Incorporated AP358NL-U Datasheet HTML 8Page - Diodes Incorporated AP358NL-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
1 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Description
The AP358 series consists of two independent, high gain,
internally
frequency
compensated
operational
amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltages. Operation from
split power supplies is also possible and the low power supply
current drain is independent of the magnitude of the power
supply voltage.
Application areas include transducer amplifiers, dc gain
blocks and all the conventional op amp circuits which now can
be more easily implemented in single power supply systems.
For example, the AP358 series can be directly operated off of
the standard +5V power supply voltage which is used in
digital systems and will easily provide the required interface
electronics without requiring the additional ±15V power
supply.
Features
Internally frequency compensated for unity gain
Large dc voltage gain: 100 dB
Very low supply current drain (500
μA)-essentially
independent of supply voltage
Wide bandwidth (unity gain): 1 MHz (temperature
compensated)
Input common-mode voltage range includes ground
Differential input voltage range equal to the power supply
voltage
Low input offset voltage: 2mV
Wide power supply range:
Single supply: 3V to 32V
Or dual supplies: ±1.5V to ±16V
Large output voltage swing: 0V to V
+ - 1.5V
Lead Free packages: SOP-8L and PDIP-8L
SOP-8L and PDIP-8L: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOP-8L
1
2
3
45
6
7
8
( Top View )
INVERTING INPUT 1
GND
AP358
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V
+
INVERTING INPUT 2
NON-INVERTING INPUT 2
PDIP-8L
1
2
3
45
6
7
8
( Top View )
INVERTING INPUT 1
GND
AP358
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V
+
INVERTING INPUT 2
NON-INVERTING INPUT 2
Application
Eliminate the need for dual supplies
Compatible with all forms of logic
Two internally compensated op amps
Low power drain suitable for battery operation
Allows direct sensing near GND and VOUT also goes to
GND
Unique Characteristics
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage.
The unity gain cross frequency is temperature
compensated.
The input bias current is also temperature compensate.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP358NL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP358NL-U DIODES-AP358NL-U Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results

Similar Description - AP358NL-U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com