Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358NL-U Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP358NL-U
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358NL-U Datasheet(HTML) 3 Page - Diodes Incorporated

  AP358NL-U Datasheet HTML 1Page - Diodes Incorporated AP358NL-U Datasheet HTML 2Page - Diodes Incorporated AP358NL-U Datasheet HTML 3Page - Diodes Incorporated AP358NL-U Datasheet HTML 4Page - Diodes Incorporated AP358NL-U Datasheet HTML 5Page - Diodes Incorporated AP358NL-U Datasheet HTML 6Page - Diodes Incorporated AP358NL-U Datasheet HTML 7Page - Diodes Incorporated AP358NL-U Datasheet HTML 8Page - Diodes Incorporated AP358NL-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
3 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Typical Single-Supply Circuit (Continued) (V
+
=5.0VDC)
+
-
1mA
V+
2V
R1
2K
I
1
Fixed Current Sources
+
-
2V
+
-
R4
2K
R3
2K
R2
3K
I
2
I
1 = I2
1/2 AP358
-
+
R2
100
R1*
0.1
R3
1K
V
O
R
L
I
L
V
L
Current Monitor
V
O =
1V(I
L
)
0.1A
*(Increase R1 for I
L small)
V
L < V+ -2V
1/2 AP358
LED Driver
82
+
-
20mA
1/2 AP358
Lamp Driver
V+
100
β > 20
+
-
30mA
600mA
1/2 AP358
Driving TTL
+
-
R
L
240
1/2 AP358
Voltage Follower
+
-
1/2 AP358
V
O
+V
IN
V
O = VIN
Pulse Generator
+
-
V
O
100K
V+
1M
R2
R1
IN914
IN914
0.001
μF
1/2 AP358
R3
100K
R4
100K
R5
100K
+
0
Squarewave Oscillator
V
O
100K
V+
R1
C
0.001
μF
R2
100K
R3
100K
R4
100K
+
0
+
-
1/2 AP358


Similar Part No. - AP358NL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP358NL-U DIODES-AP358NL-U Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results

Similar Description - AP358NL-U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com