Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1609 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1609
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609 Datasheet(HTML) 8 Page - Diodes Incorporated

  AP1609_09 Datasheet HTML 1Page - Diodes Incorporated AP1609_09 Datasheet HTML 2Page - Diodes Incorporated AP1609_09 Datasheet HTML 3Page - Diodes Incorporated AP1609_09 Datasheet HTML 4Page - Diodes Incorporated AP1609_09 Datasheet HTML 5Page - Diodes Incorporated AP1609_09 Datasheet HTML 6Page - Diodes Incorporated AP1609_09 Datasheet HTML 7Page - Diodes Incorporated AP1609_09 Datasheet HTML 8Page - Diodes Incorporated AP1609_09 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
8 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOP-8L
( Top View )
AP1609
YY WWX X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
L : Lead Free
Package Information
(All Dimensions in mm)
(1) Package Type: SOP-8L
1.27typ
0.3/0.5
7°~9°
4.85/4.95
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
(Unit: mm)
6x-1.27
8x-0.60
0°/8°


Similar Part No. - AP1609_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609S DIODES-AP1609S Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-U DIODES-AP1609SG-U Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SL-13 DIODES-AP1609SL-13 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SL-U DIODES-AP1609SL-U Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
More results

Similar Description - AP1609_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
   PWM/PFM Dual Mode Step-up DC/DC Controller
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com