Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3803 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3803
Description  High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3803 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3803_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3803_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3803_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3803_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3803
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3803
High Frequency Amplifier Applications
Video Amplifier Applications
High Speed Switching Applications
• High transition frequency: fT = 200 MHz (typ.)
• Low collector output capacitance: Cob = 3.5 pF (typ.)
• Complementary to 2SA1483
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
200
mA
Continuous base current
IB
50
mA
PC
500
Collector power dissipation
PC
(Note 1)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Unit: mm
PW-MINI
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SC3803_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
   High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
More results

Similar Description - 2SC3803_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
   High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SA1483 TOSHIBA-2SA1483_07 Datasheet
165Kb / 4P
   High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SC594 TOSHIBA-2SC594 Datasheet
176Kb / 2P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. VIDEO AMPLIFIER APPLICATIONS, HIGH SPEED SHITCHING APPLICATIONS.
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
   TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com