Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP21X2MPG-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP21X2MPG-13
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP21X2MPG-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP21X2MPG-13 Datasheet HTML 1Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 2Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 3Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 4Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 5Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 6Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 7Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 8Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP2182/AP2192
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2182/AP2192 Rev. 6
5 of 17
JULY 2010
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25
oC, V
IN = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VUVLO
Input UVLO
Rload=1kΩ
1.6
1.9
2.5
V
ISHDN
Input Shutdown Current
Disabled, IOUT= 0
0.5
1
μA
IQ
Input Quiescent Current, Dual
Enabled, IOUT= 0
100
160
μA
ILEAK
Input Leakage Current
Disabled, OUT grounded
1
μA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 5V, IREV at VIN
1
μA
RDS(ON)
Switch on-resistance
VIN = 5V,
IOUT= 0.5A
MSOP-8L-EP, -40
oC≤ T
A ≤85
oC
115
150
m
SOP-8L, -40
oC≤ T
A ≤ 85
oC
120
160
m
VIN = 3.3V,
IOUT= 0.5A
-40
oC≤ T
A ≤85
oC
140
180
m
ISHORT
Short-circuit current limit
Enabled into short circuit, CL=68μF
2.0
A
ILIMIT
Over-Load Current Limit
VIN = 5V,
VOUT = 4.5V,
CL=68μF
-40
oC≤ T
A ≤85
oC
1.6
2.1
2.6
A
ITrig
Current limiting trigger threshold
VIN = VEN, Output Current Slew rate (<100A/s),
CL=68μF
3.0
A
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ISINK
EN Input leakage
VEN = 5V
1
μA
TD(ON)
Output turn-on delay time
CL=1μF, Rload=10Ω
0.05
ms
TR
Output turn-on rise time
CL=1μF, Rload=10Ω
0.6
1.5
ms
TD(OFF)
Output turn-off delay time
CL=1μF, Rload=10Ω
0.01
ms
TF
Output turn-off fall time
CL=1μF, Rload=10Ω
0.05
0.1
ms
RFLG
FLG output FET on-resistance
IFLG =10mA
30
50
TBlank
FLG blanking time
CIN=10μF, CL=68μF
4
7
15
ms
TSHDN
Thermal shutdown threshold
Enabled, Rload=1kΩ
140
°C
THYS
Thermal shutdown hysteresis
25
°C
θJA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 4)
110
oC/W
MSOP-8L-EP (Note 5)
60
oC/W
Notes:
4. Test condition for SOP-8L: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad layout.
5. Test condition for MSOP-8L-EP: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 3
vias to bottom layer ground plane.


Similar Part No. - AP21X2MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP21X2MPG-13 DIODES-AP21X2MPG-13 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP21X2MPG-13 DIODES-AP21X2MPG-13 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
More results

Similar Description - AP21X2MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com