Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2280-1WG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2280-1WG-7
Description  Single Channel Slew Rate Controlled Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280-1WG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2280-1WG-7 Datasheet HTML 1Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 2Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 3Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 4Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 5Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 6Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 7Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 8Page - Diodes Incorporated AP2280-1WG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP2280
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
3 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
1uF
IN
GND
EN
OUT
Enable
0.1uF
VIN
VOUT
DIS
1uF
IN
GND
EN
OUT
Enable
0.1uF
VIN
VOUT
DIS
For applications without output discharge
For applications with output discharge
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body Model ESD Protection
4
KV
ESD MM
Machine Model ESD Protection
400
V
VIN
Input Voltage
6.5
V
VOUT
Output Voltage
VIN + 0.3
V
VEN
Enable Voltage
6.5
V
Iload
Maximum Continuous Load Current
2
A
TJ(max)
Maximum Junction Temperature
125
°C
TST
Storage Temperature Range
-65 ~ 150
°C
PD
Power Dissipation
SOT25 (Note 3, 5)
750
mW
DFN2018-6 (Note 3, 6)
1260
Notes:
3. Ratings apply to ambient temperature at 25°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input voltage
1.5
6.0
V
IOUT
Output Current (Note 4)
0
2.0
A
TA
Operating Ambient Temperature
-40
85
°C
Notes:
4. Maximum output current depends on application conditions. Please refer to the application note section.
Typical Application Circuits


Similar Part No. - AP2280-1WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
More results

Similar Description - AP2280-1WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
   Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com