Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2280-1FMG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2280-1FMG-7
Description  Single Channel Slew Rate Controlled Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280-1FMG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2280-1FMG-7 Datasheet HTML 2Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 3Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 4Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 5Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 6Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 7Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 8Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 9Page - Diodes Incorporated AP2280-1FMG-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP2280
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
6 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics (Continued)
AP2280-1 Turn-On
(VIN=3.3V, RL=7Ω)
Time (50
μs/div)
AP2280-1 Turn-Off
(VIN=3.3V, RL=7Ω)
Time (5
μs/div)
AP2280-1 Turn-On
(VIN=5V, RL=10Ω)
Time (50
μs/div)
AP2280-1 Turn-Off
(VIN=5V, RL=10Ω)
Time (5
μs/div)
VEN (2V/div)
VOUT (2V/div)
IIN (500mA/div)
VEN (2V/div)
VOUT (2V/div)
IIN (500mA/div)
VEN (2V/div)
VOUT (2V/div)
IIN (500mA/div)
VEN (2V/div)
VOUT (2V/div)
IIN (500mA/div)


Similar Part No. - AP2280-1FMG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
More results

Similar Description - AP2280-1FMG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
   Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com