Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7173 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7173_09 Datasheet HTML 2Page - Diodes Incorporated AP7173_09 Datasheet HTML 3Page - Diodes Incorporated AP7173_09 Datasheet HTML 4Page - Diodes Incorporated AP7173_09 Datasheet HTML 5Page - Diodes Incorporated AP7173_09 Datasheet HTML 6Page - Diodes Incorporated AP7173_09 Datasheet HTML 7Page - Diodes Incorporated AP7173_09 Datasheet HTML 8Page - Diodes Incorporated AP7173_09 Datasheet HTML 9Page - Diodes Incorporated AP7173_09 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
6 of 16
OCTOBER 2009
DS31369
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
At VEN = 1.1V, VIN = VOUT + 0.5V, CVCC = 0.1uF, CIN = COUT = 10uF, IOUT = 50mA, VVCC = 5.0V, and TA = –40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIN
Input Voltage Range
VOUT + VDO
5.5
V
VVCC
Bias Pin Voltage Range
(Note 7)
2.7
5.5
V
VREF
Internal Reference
(Adj.)
TA = +25 ºC
0.792
0.8
0.808
V
Output Voltage Range
VIN= 5V, IOUT= 1.5A
0.8
3.3
V
VOUT
Accuracy (Note 8)
2.97V≤VVCC≤5.5V,
50mA≤IOUT≤1.5A
–2
±0.5
2
%
∆V
OUT /∆VIN / VOUT
Line Regulation
VOUT (NOM) + 0.5≤VIN, 5.5V
0.03
%/V
∆V
OUT /VOUT /∆IOUT
Load Regulation
50mA≤IOUT≤1.5A
0.09
%/A
IOUT = 1.5A,VVCC–VOUT(NOM)≥3.25V
165
270
mV
VDO
Dropout Voltage
(Note 9)
IOUT= 1.5A, VIN = VVCC
1.5
1.7
V
ICL
Current Limit
VOUT = 80% x VOUT (NOM)
2
3
4
A
ISHORT
Short-Circuit Current
VOUT < 0.2V
0.6
1
A
IVCC
Bias Pin Current
1
2
mA
ISHDN
Shutdown Supply
Current (IGND)
VEN≤0.4V
1
50
µA
IFB
Feedback Pin Current
–1
0.1
1
µA
1KHz, IOUT= 1A,
VIN= 1.8V, VOUT= 1.5V
60
Power-Supply Rejection
(VIN to VOUT)
300KHz, IOUT =1A,
VIN= 1.8V, VOUT =1.5V
30
dB
1KHz, IOUT = 1A,
VIN= 1.8V, VOUT =1.5V
50
PSRR
Power-SupplyRejection
(VVCC to VOUT)
300KHz, IOUT = 1A,
VIN= 1.8V, VOUT =1.5V
30
dB
TST
Startup Time
RLOAD for IOUT = 1.0A, CSS = open
100
µS
ISS
Soft-Start Charging
Current
VSS= 0.4V
440
nA
VEN, HI
Enable Input High Level
1.1
5.5
V
VEN, LO
Enable Input Low Level
0
0.4
V
VEN, HYS
Enable Pin Hysteresis
50
mV
IEN
Enable Pin Current
VEN= 5V
0.1
1
µA
VPG, TH
PG Trip Threshold
VOUT decreasing
85
90
94
%VOUT
VPG, HYS
PG Trip Hysteresis
3
%VOUT
VPG, LO
PG Output Low Voltage IPG= 1mA (sinking), VOUT<VPG, TH
0.3
V
IPG, LKG
PG Leakage Current
VPG= 5.25V, VOUT>VPG, TH
0.1
1
µA
Shutdown, temperature increasing
+150
TSD
Thermal Shutdown
Temperature
Reset, temperature decreasing
+130
ºC
DFN3030-10 (Note 10)
38
θJA
Thermal Resistance
Junction-to-Ambient
SOP-8L-EP (Note 11)
30
oC/W
Notes:
7. VVCC should be higher or equal to VIN in this chip.
8. Tested at 0.8V; resistor tolerance is not taken into account.
9. Dropout is defined as the voltage from VIN to VOUT when VOUT is 3% below nominal.
10. Test condition for DFN3030-10: Device mounted on FR-4 substrate (2s2p), 2"*2" PCB, with 2oz copper trace thickness and large pad pattern.
11. Test condition for SOP-8L-EP: Device mounted on FR-4 substrate (2s2p), 2"*2" PCB, with 2oz copper trace thickness and large pad pattern.


Similar Part No. - AP7173_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173-FNG-13 DIODES-AP7173-FNG-13 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-FNG-7 DIODES-AP7173-FNG-7 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-SPG-13 DIODES-AP7173-SPG-13 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-SPG-7 DIODES-AP7173-SPG-7 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results

Similar Description - AP7173_09

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com