Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8801 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated AP8801 Datasheet HTML 10Page - Diodes Incorporated AP8801 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP8801
500mA LED Step-down Converter
AP8801 Rev. 4
8 of 11
DECEMBER 2009
DS31765
www.diodes.com
© Diodes Incorporated
Thermal Considerations
The graph below in figure 6, gives details for power derating. This assumes the device to be mounted on a
25x25mm PCB with 1oz copper standing in still air.
Maximum Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
25
50
75
100
125
150
Ambient Temperature (Deg C)
SOP8L
MSOP8L
Figure 6: AP8801 derating curves
Package Selection
The device comes with a wide selection of packages. The suggested package is able to provide a case
temperature below 70˚C (with an ambient temperature of 25˚C) for the combination of input voltage and load
requested.
Figure 7: Suggested package for a 500mA application
Application Information
(Continued)


Similar Part No. - AP8801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8801M8G DIODES-AP8801M8G Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8801M8G-13 DIODES-AP8801M8G-13 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
More results

Similar Description - AP8801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
   500mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
   500mA Low Noise Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com