Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7775M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA7775M
Description  Wideband FSK Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7775M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA7775M Datasheet HTML 1Page - Sanyo Semicon Device LA7775M Datasheet HTML 2Page - Sanyo Semicon Device LA7775M Datasheet HTML 3Page - Sanyo Semicon Device LA7775M Datasheet HTML 4Page - Sanyo Semicon Device LA7775M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No. 5736-5/5
LA7775M
Design Notes
1. RF amplifier
This circuit is formed as a two-transistor cascode amplifier and takes an LC tank
circuit as its load. The operating current is set by the external resistor connected to
pin 22. The optimal operating current is between 1.5 and 2 mA. The capacitor
(C2) connected between pins 23 and 24 is related to the tank circuit Q, and must
not be too large.
2. Oscillator circuit
This is a grounded collector oscillator circuit, and supports using either an LC, a crystal, or a SAW resonator. Care is
required when constructing this circuit, since the input sensitivity may be suppressed if the oscillator circuit output
leaks into the IF limiting amplifier. It is extremely important to use a capacitor (e.g. a ceramic capacitor) with
excellent high-frequency characteristics for the 1000 pF bypass capacitor inserted between the oscillator circuit power
supply pin (pin 6) and the ground pin (pin 1). In addition, this capacitor must be located as close as possible to pins 1
and 6. When forming an oscillator circuit using a SAW resonator, the optimal values for C1 through C3 will vary
with the oscillator frequency. Thus this circuit must be adjusted for optimal
performance. Since the capacitor C3 between pin 3 and ground will be shared if a
circuit that switches between two SAW resonators is used, the difference between
the frequencies must be held to under 10 MHz. If a large frequency difference is
required, design a circuit that also switches the capacitance between pin 3 and
ground.
3. IF limiting amplifier
This circuit consists of a six-stage direct coupled differential amplifier to which DC feedback is applied. Since an
internal 1-k
Ω resistor is built in between the IF input pin (pin 9) and pin 11, the input and output impedance of the
330-
Ω IF filter can be matched with an external 510-Ω resistor. No external matching resistor is required for the IF
output (pin 7), since a 330-
Ω resistor is built in.
4. Quadrature detection circuit
An external phase shifting circuit is formed from an LC tuning circuit and a ceramic discriminator.
This catalog provides information as of June, 1997. Specifications and information herein are subject to change
without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
21
22
23
C1
C2
T00090
24
3
4
5
C1
C2
C3
T00091
T00092
12
13
4 kW
390 W
12
13
T00093


Similar Part No. - LA7775M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7770 SANYO-LA7770 Datasheet
127Kb / 6P
   FSK Receiver for CATV Use
More results

Similar Description - LA7775M

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com