Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7790M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA7790M
Description  QPSK Transmitter for Cable TV
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7790M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA7790M Datasheet HTML 1Page - Sanyo Semicon Device LA7790M Datasheet HTML 2Page - Sanyo Semicon Device LA7790M Datasheet HTML 3Page - Sanyo Semicon Device LA7790M Datasheet HTML 4Page - Sanyo Semicon Device LA7790M Datasheet HTML 5Page - Sanyo Semicon Device LA7790M Datasheet HTML 6Page - Sanyo Semicon Device LA7790M Datasheet HTML 7Page - Sanyo Semicon Device LA7790M Datasheet HTML 8Page - Sanyo Semicon Device LA7790M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
No. 5689-3/14
LA7790M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Band switch 2 “H” level
V12H
Note 7: V17 = V21 = VCC,
4
V
f(V11) = 25 MHz
V20 = V23 = GND, S1 = A
Band switch 2 “L” level
V12L
Note 7: V17 = V21 = VCC,
1
V
f(V11) = 12.5 MHz
V20 = V23 = GND, S1 = A
RF output amplifier
Maximum output level
V1 max
Note 8: V12 = V17 = V21 = VCC,
7
10
13
dBm
V20 = V23 = GND, SG3 = –6 dBm, S1 = A
V1(HD2)
Note 8: V12 = V17 = V21 = VCC,
40
dBc
Maximum output distortion
V20 = V23 = GND, SG3 = –6 dBm, S1 = A
V1(HD3)
40
dBc
Muting
Muting on voltage
V23H
V12 = V17 = V21 = VCC,
4
V
V20 = GND, S1 = B
Muting off voltage
V23L
V12 = V17 = V21 = VCC,
1
V
V20 = GND, S1 = B
Muting attenuation
V1(mute)
Note 9: V23 = 1 V → 4 V
70
dB
V12 = V17 = V21 = VCC, V20 = GND, S1 = B
Power save function
Power save on voltage
V20H
4
V
Power save off voltage
V20L
1
V
Power save current
I1
Note 10: V20 = 4 V
0
0.1
mA
Continued from preceding page.
Pin Assignment


Similar Part No. - LA7790M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
   With Driver amplifier for ADC AGC amplifier
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
   AGC Amplifier with Step Gain Control
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

Similar Description - LA7790M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
MOSDESIGN SEMICONDUCTOR...
M3010 MOSDESIGN-M3010 Datasheet
145Kb / 1P
   IR TV/VCD TRANSMITTER
2001-10-22
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
   RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
MOSDESIGN SEMICONDUCTOR...
M3014 MOSDESIGN-M3014 Datasheet
79Kb / 9P
   IR TV/VCD TRANSMITTER IR CONTROL IC
2004-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com