Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P40-G Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # P40-G
Description  Extremely high speed performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P40-G Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  P40-G Datasheet HTML 1Page - Bourns Electronic Solutions P40-G Datasheet HTML 2Page - Bourns Electronic Solutions P40-G Datasheet HTML 3Page - Bourns Electronic Solutions P40-G Datasheet HTML 4Page - Bourns Electronic Solutions P40-G Datasheet HTML 5Page - Bourns Electronic Solutions P40-G Datasheet HTML 6Page - Bourns Electronic Solutions P40-G Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1
µs/div.
Ch1 V1
Ch3 Current
1
3
Model P40-G Series - High Speed Surge Protectors
Reference Application
A cost-effective protection solution combines the Bourns® TBUprotection device with a diode bridge on the driver side of the trans-
former and Bourns® GDTs on the line side. The diagram below illustrates a common configuration of these components. The graph
demonstrates the operational characteristics of the circuit.
Common Configuration Diagram - xDSL Protection
5000 V Lightning 2/10
μsec, 500 A
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
REV. 03/10
COPYRIGHT©2008, BOURNS, INC. LITHO IN U.S.A. e 12/08
FU0801
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBUP40-G Protectors
Ch1
P40
V
CC
G5000AS
G5000AS
P40-G
Ch3


Similar Part No. - P40-G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P40-G240 BOURNS-P40-G240 Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
More results

Similar Description - P40-G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
   Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
   Extremely high speed performance
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
List of Unclassifed Man...
BAT54S-KL4 ETC2-BAT54S-KL4 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
Nanjing International G...
BAT54S DGNJDZ-BAT54S Datasheet
441Kb / 2P
   Extremely Fast Switching Speed
logo
List of Unclassifed Man...
BAT54-KL1 ETC2-BAT54-KL1 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com