Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJPB-D6 Datasheet(PDF) 2 Page - Sanken electric

Part # SJPB-D6
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SJPB-D6 Datasheet(HTML) 2 Page - Sanken electric

  SJPB-D6 Datasheet HTML 1Page - Sanken electric SJPB-D6 Datasheet HTML 2Page - Sanken electric SJPB-D6 Datasheet HTML 3Page - Sanken electric SJPB-D6 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.sanken-ele.co.jp
SJPB-D6
Mar. 2008
Schottky Barrier Rectifier
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
SANKEN ELECTRIC
Absolute maximum ratings
No.
Parameter
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
60
2
Peak Reverse Voltage
VRM
V
60
3
Average Forward Current
IF(AV)
A
1.0
4
Peak Surge Forward Current
IFSM
A
20
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
2.0
1msec<t<10msec
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
Electrical characteristics(Ta=25°C, unless otherwise specified)
No.
Parameter
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
0.68 max.
IF=1.0A
2
Reverse Leakage Current
IR
uA
100 max.
VR=VRM
3
Reverse
Leakage
Current
Under High Temperature
H•IR
mA
30 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-l)
°C/W
20 max.
Between Junction and Lead


Similar Part No. - SJPB-D6

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SJPB-D6VR SANKEN-SJPB-D6VR Datasheet
237Kb / 5P
   SJPB-D6 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
More results

Similar Description - SJPB-D6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com