Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA5075 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA5075
Description  N-channel 3-phase DC motor 200V AC direct drive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5075 Datasheet(HTML) 1 Page - Sanken electric

  SLA5075 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
97
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
Characteristic curves
SLA5075
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
500
V
VGSS
±30
V
ID
±5A
ID(pulse)
±10 (PW≤1ms, Du≤1%)A
EAS*45
mJ
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
60 (Tc=25
°C, with all circuits operating, with infinite heatsink)
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
2.08 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
Tch
150
°C
Tstg
–40 to +150
°C
PT
N-channel
3-phase DC motor 200V AC direct drive
External dimensions
A • • • SLA (15-pin)
sEquivalent circuit diagram
Absolute maximum ratings
Electrical characteristics
Pins 8, 9 : NC
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
500
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=
±30V
IDSS
100
µAVDS=500V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=1mA
Re(yfs)
2.4
4.0
S
VDS=10V, ID=2.5A
RDS(ON)
1.05
1.4
VGS=10V, ID=2.5A
Ciss
770
pF
VDS=10V, f=1.0MHz,
Coss
290
pF
VGS=0V
td(on)
20
ns
ID=2.5A,
tr
25
ns
VDD 200V,
td(off)
70
ns
RL=80
Ω, VGS=10V,
tf
65
ns
see Fig. 3 on page 16.
VSD
1.1
1.5
V
ISD=5A, VGS=0V
trr
75
ns
ISD=2.5A, di/dt=100A/
µs
Specification
min
typ
max
3
5
4
2
7
10
1
11
6
15
12
13
14
* : VDD=30V, L=3.4mH, ID=5A, unclamped, RG=50
Ω, see Fig. E on page 15.
0
5
10
15
1
0
2
3
4
5
20
VDS (V)
VGS=3.5V
4V
4.5V
02
4
0
5
4
3
2
1
6
VGS (V)
(VDS=20V)
TC=125
°C
25
°C
–40
°C
02
13
4
0
1.0
0.5
1.5
2.0
5
ID (A)
(VGS=10V)
0.05
1
0.1
0.5
0.2
0.5
1
5
10
ID (A)
5
(VDS=20V)
125
°C
25°
C
Ta
=–
40
°C
–40
0
0
3.0
2.5
2.0
1.5
1.0
0.5
TC (
°C)
100
50
150
ID=2.5A
VGS=10V
0
1020
3040
50
10
500
100
50
2000
1000
VDS (V)
VGS=0V
f=1MHz
Ciss
Coss
Crss
0
0.5
1.0
1.5
0
3
2
1
5
4
VSD (V)
(Ta=25
°C)
3
5
10
100
50
600
0.05
0.1
1
0.5
20
10
5
VDS (V)
1ms
R
D
S (O
N
)
LIMITED
10
s
ID(pulse) max
(TC=25
°C)
40
60
20
5
0
0
50
100
150
Ta (
°C)
With Silicon Grease
Natural Cooling
All Circuits Operating
Without Heatsink


Similar Part No. - SLA5075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA5075 ETC-SLA5075 Datasheet
40Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
logo
Sanken electric
SLA5075 SANKEN-SLA5075 Datasheet
33Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
More results

Similar Description - SLA5075

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5075 SANKEN-SLA5075 Datasheet
33Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
logo
List of Unclassifed Man...
SLA5075 ETC-SLA5075 Datasheet
40Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
logo
Sanken electric
SMA5118 SANKEN-SMA5118 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
SMA5118 SANKEN-SMA5118 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
logo
List of Unclassifed Man...
SMA5118 ETC-SMA5118 Datasheet
43Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive External dimensions
logo
Sanken electric
SMA5112 SANKEN-SMA5112_01 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5112 SANKEN-SMA5112 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5117 SANKEN-SMA5117 Datasheet
35Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5112 SANKEN-SMA5112 Datasheet
22Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5117 SANKEN-SMA5117_01 Datasheet
35Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com