Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA6826M Datasheet(PDF) 10 Page - Sanken electric

Part # SLA6826M
Description  High Voltage 3-Phase Motor Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6826M Datasheet(HTML) 10 Page - Sanken electric

Back Button SLA6826M Datasheet HTML 6Page - Sanken electric SLA6826M Datasheet HTML 7Page - Sanken electric SLA6826M Datasheet HTML 8Page - Sanken electric SLA6826M Datasheet HTML 9Page - Sanken electric SLA6826M Datasheet HTML 10Page - Sanken electric SLA6826M Datasheet HTML 11Page - Sanken electric SLA6826M Datasheet HTML 12Page - Sanken electric SLA6826M Datasheet HTML 13Page - Sanken electric SLA6826M Datasheet HTML 14Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High Voltage 3-Phase Motor Drivers
10
SLA6820M
Series
580
13.8
31.2
X
137
186
621
Z
Y
Maximum 12 tubes in Y direction
Maximum 3 tubes in Z direction
Maximum pieces per carton:
18 pieces per tube
12 tubes per layer
x 3 layers of tubes
648 pieces per carton
Tube material: PVC
Maximum 18 pieces per tube
(pins aligned along X direction)
Rubber plug each end
Packing Specification
Leadform 2171
Dimensions in millimeters
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - SLA6826M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6826M SANKEN-SLA6826M Datasheet
243Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6826MH SANKEN-SLA6826MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

Similar Description - SLA6826M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com