Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6860M Datasheet(PDF) 6 Page - Sanken electric

Part # SMA6860M
Description  High Voltage 3-Phase Motor Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6860M Datasheet(HTML) 6 Page - Sanken electric

Back Button SMA6860M Datasheet HTML 2Page - Sanken electric SMA6860M Datasheet HTML 3Page - Sanken electric SMA6860M Datasheet HTML 4Page - Sanken electric SMA6860M Datasheet HTML 5Page - Sanken electric SMA6860M Datasheet HTML 6Page - Sanken electric SMA6860M Datasheet HTML 7Page - Sanken electric SMA6860M Datasheet HTML 8Page - Sanken electric SMA6860M Datasheet HTML 9Page - Sanken electric SMA6860M Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
High Voltage 3-Phase Motor Drivers
6
SMA6860M
Series
SMA6861M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 150 V, VCC = 15 V, ID = 2.0 A, 0 V ≤ VIN ≤ 5 V
660
ns
trH
–25–
ns
trrH
690
ns
tdH(off)
630
ns
tfH
–10–
ns
Switching Time, Low Side
tdL(on)
VBB = 150 V, VCC = 15 V, ID = 2.0 A, 0 V ≤ VIN ≤ 5 V
580
ns
trL
–50–
ns
trrL
–95–
ns
tdL(off)
540
ns
tfL
–15–
ns
SMA6862M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V
720
ns
trH
–40–
ns
trrH
110
ns
tdH(off)
670
ns
tfH
–20–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V
600
ns
trL
–40–
ns
trrL
120
ns
tdL(off)
555
ns
tfL
–20–
ns
SMA6863M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V
790
ns
trH
–60–
ns
trrH
115
ns
tdH(off)
725
ns
tfH
–20–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V
680
ns
trL
–70–
ns
trrL
120
ns
tdL(off)
605
ns
tfL
–20–
ns


Similar Part No. - SMA6860M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6860MH SANKEN-SMA6860MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results

Similar Description - SMA6860M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com