Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28006FH50Z-T7A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28006FH50Z-T7A
Description  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH50Z-T7A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28006FH50Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISL28006
4
FN6548.4
September 16, 2010
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 28V
Max Differential Input Current . . . . . . . . . . . . . . . . . 20mA
Max Differential Input Voltage . . . . . . . . . . . . . . . . . .+0.5V
Max Input Voltage (RS+, RS-, FB). . . . . . .GND - 0.5V to 30V
Max Input Current for Input Voltage <GND - 0.5V . . . .±20mA
Output Short-Circuit Duration . . . . . . . . . . . . . . . Indefinite
Di-Electrically Isolated PR40 Process. . . . . . . . Latch-up free
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . 4kV
Machine Model (Tested per EIA/JESD22-A115-A). . . . 200V
Charged Device Model (Tested per JESD22-C101D) . . . 1.5kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld SOT-23 (Notes 5, 6) . . . . . . .
190
90
6 Ld SOT-23 (Notes 5, 6) . . . . . . .
180
90
Maximum Storage Temperature Range . . . -65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
6. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7) UNIT
VOS
(Input Offset
Voltage)
Gain = 100
(Notes 8, 9)
VCC = VRS+ = 12V, VSENSE =20mV to
100mV
-250
60
250
µV
-300
300
µV
VCC = 12V, VRS+ = 0.2V, VSENSE = 20mV to
100mV
-2.5
-1.2
2.5
mV
-2.8
2.8
mV
Gain = 50, Gain = 20
(Notes 8, 9)
VCC = VRS+ = 12V, VSENSE =20mV to
100mV
-300
60
300
µV
-450
450
µV
VCC = 12V, VRS+ = 0.2V, VSENSE = 20mV to
100mV
-2.8
-1.2
2.8
mV
-3.2
3.2
mV
Adjustable, Gain = 21
Rf = 100kΩ, Rg = 5kΩ
(Notes 8, 9)
VCC = VRS+ = 12V, VSENSE =20mV to
100mV
-300
60
300
µV
-450
450
µV
VCC = 12V, VRS+ = 0.2V, VSENSE = 20mV to
100mV
-3.1
-1.2
3.1
mV
-3.4
3.4
mV
IRS+, IRS -
Leakage Current
VCC = 0V, VRS+ = 28V
0.041
1.2
µA
1.5
µA


Similar Part No. - ISL28006FH50Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28006FH50Z-T7A INTERSIL-ISL28006FH50Z-T7A Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006FH50Z-T7A INTERSIL-ISL28006FH50Z-T7A Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH50Z-T7A RENESAS-ISL28006FH50Z-T7A Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

Similar Description - ISL28006FH50Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com