Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28006FH-100EVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28006FH-100EVAL1Z
Description  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH-100EVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28006FH-100EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28006FH-100EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISL28006
5
FN6548.4
September 16, 2010
IRS+
(+ Input Bias
Current)
Gain = 100
VRS+ = 2V, VSENSE = 5mV
4.7
6
µA
7
µA
VRS+ = 0V, VSENSE = 5mV
-500
-432
nA
-600
nA
Gain = 50, Gain = 20
VRS+ = 2V, VSENSE = 5mV
4.7
6
µA
8
µA
VRS+ = 0V, VSENSE = 5mV
-700
-432
nA
-840
nA
ADJ Gain = 101
Rf = 100kΩ, Rg = 1kΩ
VRS+ = 2V, VSENSE = 5mV
4.7
6
µA
7
µA
VRS+ = 0V, VSENSE = 5mV
-500
-432
nA
-600
nA
IRS -
(- Input Bias
Current)
G = 100, 50, 20, ADJ
VRS+ = 2V, VSENSE = 5mV
5
50
nA
75
nA
VRS+ = 0V, VSENSE = 5mV
-125
-45
nA
-130
nA
CMRR
Common Mode Rejection Ratio VRS+ = 2V to 28V
105
115
dB
PSRR
Power Supply Rejection Ratio VCC = 2.7V to 28V, VRS+=2V
90
105
dB
VFS
Full-scale Sense Voltage
VCC = 28V, VRS+ = 0.2V, 12V
200
mV
G
(Gain)
(Note 8)
ISL28006-100
100
V/V
ISL28006-50
50
V/V
ISL28006-20
20
V/V
ISL28006-ADJ
20
V/V
GA
(Gain Accuracy)
Gain = 100
(Note 10)
VCC = VRS+ = 12V, VSENSE =20mV to
100mV
-0.2
0.7
%
-1
1
%
VCC = 12V, VRS+ = 0.1V, VSENSE = 20mV to
100mV
-0.25
%
Gain = 50, Gain = 20
(Note 10)
VCC = VRS+ = 12V, VSENSE =20mV to
100mV
-0.35
0.7
%
-1
1
%
VCC = 12V, VRS+ = 0.1V, VSENSE = 20mV to
100mV
-2.2
-0.33
2.2
%
-2.3
2.3
%
ADJ Gain = 21
Rf = 100kΩ, Rg = 5kΩ
(Note 10)
VCC = VRS+ = 12V, VSENSE =20mV to
100mV
-0.65
1
%
-1
1.05
%
VCC = 12V, VRS+ = 0.1V, VSENSE = 20mV to
100mV
-2.2
-0.33
2.2
%
-2.3
2.3
Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7) UNIT


Similar Part No. - ISL28006FH-100EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28006FH-100EVAL1Z INTERSIL-ISL28006FH-100EVAL1Z Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006FH-100EVAL1Z INTERSIL-ISL28006FH-100EVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH-100EVAL1Z INTERSIL-ISL28006FH-100EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH-100EVAL1Z RENESAS-ISL28006FH-100EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

Similar Description - ISL28006FH-100EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com