Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML72423C Datasheet(PDF) 1 Page - Sanken electric

Part # SML72423C
Description  3.3 횞 6 Bow Shaped Bicolor LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SML72423C Datasheet(HTML) 1 Page - Sanken electric

  SML72423C Datasheet HTML 1Page - Sanken electric SML72423C Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
247
LEDs
■3.3 × 6 Bow Shaped Bicolor LEDs
SML70023 Series (available as Direct Mount)
SML72423C
A: Red
1.9
2.5
10
25
20
630
10
620
10
35
10
GaAsP
Cathode common
B: Green
2.0
2.5
10
35
20
560
10
567
10
20
10
GaP
SML72923C
A: Red
1.9
2.5
10
25
20
630
10
620
10
35
10
GaAsP
Cathode common
B: Orange
1.9
2.5
10
25
20
587
10
590
10
33
10
GaAsP
SML78423C
A: Amber
1.9
2.5
10
25
20
610
10
605
10
35
10
GaAsP
Cathode common
B: Green
2.0
2.5
10
35
20
560
10
567
10
20
10
GaP
SML79423C
A: Orange
1.9
2.5
10
25
20
587
10
590
10
33
10
GaAsP
Cathode common
B: Green
2.0
2.5
10
35
20
560
10
567
10
20
10
GaP
SMLS79723C
A: Ultrahigh luminosity orange
2.0
2.5
10
150
20
590
10
590
10
15
10
AlGaInP
Cathode common
B: Yellow
2.0
2.5
10
40
20
570
10
571
10
30
10
GaP
SMLU76423C-S
A: Ultrahigh luminosity red
2.0
2.5
20
26
3
650
20
639
20
20
20
AlGaInP
Cathode common
B: Green
2.0
2.5
20
3.8
3
560
20
567
20
20
20
GaP
SMLU72423C-S
A: Red
2.0
2.5
20
120
20
635
20
625
20
15
20
AlGaInP
Cathode common
B: Green
2.2
2.5
20
30
20
560
20
567
20
15
20
AlGaInP
SMLU79423C-S
A: Orange
2.0
2.5
10
150
20
590
20
590
10
15
20
AlGaInP
Cathode common
B: Green
2.2
2.5
10
30
20
560
20
567
10
15
20
AlGaInP
*Mass production in preparation
Part Number
Emitting Color
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
Remark
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
Water clear
Water clear
Water clear
Water clear
Water clear
Water clear
Water clear
Water clear
Ultrahigh
luminosity
3.1±
0.2
0.5±
0.1
6.0±
0.2
6.2
0.5±
0.1
0.65max
3.6±
0.2
(2.54)
(2.54)
90
°
60
°
30
°
0
°
BA
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
Internal Circuit Drawing
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.26 g
Dimensional Tolerance:
±0.3
5-1-2 Bicolor lamps


Similar Part No. - SML72423C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML72423C SANKEN-SML72423C Datasheet
30Kb / 1P
   3.3x6 Bow-shaped Bicolor LED (Direct Mount)
More results

Similar Description - SML72423C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4027 SANKEN-SEL4027_08 Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
SEL4029 SANKEN-SEL4029_08 Datasheet
429Kb / 2P
   3.1phi Bow Shaped LEDs
SEL4028 SANKEN-SEL4028_08 Datasheet
437Kb / 2P
   3.1phi Bow Shaped LEDs
SEL6027 SANKEN-SEL6027_08 Datasheet
437Kb / 2P
   4phi Bow Shaped LEDs
SML70023 SANKEN-SML70023 Datasheet
30Kb / 1P
   3.3x6 Bow-shaped Bicolor LED (Direct Mount)
SEL5023 SANKEN-SEL5023_08 Datasheet
436Kb / 2P
   5mm Pitch Lead Bow Shaped LEDs
SML70055 SANKEN-SML70055_08 Datasheet
433Kb / 2P
   Egg-Shaped Bicolor LEDs
SEL4027 SANKEN-SEL4027 Datasheet
26Kb / 1P
   4phi Bow-shaped LED
SEL4028 SANKEN-SEL4028 Datasheet
27Kb / 1P
   3.1phi Bow-shaped LED
SEL1053M SANKEN-SEL1053M_08 Datasheet
437Kb / 2P
   4.6 횞 5.6phi Egg-Shaped LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com