Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA471A Datasheet(PDF) 1 Page - Sanken electric

Part # STA471A
Description  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA471A Datasheet(HTML) 1 Page - Sanken electric

  STA471A_06 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
181
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Temperature Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
60
±10
V
VCEO
60
±10
V
VEBO
6V
IC
2A
ICP
4 (PW
≤1ms, Du≤25%)
A
IB
0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=50V
IEBO
5mA
VEB=6V
VCEO
50
60
70
V
IC=10mA
hFE
2000
5000
10000
VCE=4V, IC=1A
VCE(sat)
1.1
1.5
V
VBE(sat)
1.8
2.2
V
VFEC
1.3
1.8
V
IFEC=1A
ton
0.5
µsVCC 30V,
tstg
4.0
µsIC=1A,
tf
1.0
µsIB1=–IB2=2mA
fT
50
MHz
VCE=12V, IE=–0.1A
Cob
25
pF
VCB=10V, f=1MHz
PT
W
STA471A
IC=1A, IB=2mA
R1: 3.5k
Ω typ R2: 200Ω typ
2
1
3
R1
R2
4
5
6
7
8
9
10
Specification
min
typ
max
0
1
2
3
4
0
123
VCE (V)
5
46
0.3mA
0.4mA
0.6mA
2.0m
A
5.0mA
1.0m
A
IB=10.0mA
0.02
IC (A)
0.1
0.05
1
0.5
4
30
50
1000
100
500
10000
5000
(VCE=4V)
Typ
(VCE=4V)
0.02
0.05
0.1
0.5
1
4
IC (A)
10000
5000
1000
500
100
50
30
Ta
=125
°C
75
°C
–3
C
25
°C
(IC / IB=1000)
3
2
0
0.2
0.5
1
IC (A)
1
3
0.1
IB (mA)
3
1
0.5
0
1
3
2
(IC=1A)
VBE (V)
0
0
3
2
1
4
(VCE=4V)
3
2
1
5
1
0.5
0.1
0.05
3
5
10
50
100
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
1m
s
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
PW (mS)
0.5
100
1000
500
50
10
5
1
5
1
0.5
10
30
0.2
NPN Darlington
With built-in avalanche diode
Absolute maximum ratings
External dimensions D • • • STA (10-pin)
Electrical characteristics


Similar Part No. - STA471A_06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
40Kb / 1P
   NPN Darlington With built-in avalanche diode
More results

Similar Description - STA471A_06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA401A SANKEN-STA401A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA435A SANKEN-STA435A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com