Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA475A Datasheet(PDF) 1 Page - Sanken electric

Part # STA475A
Description  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA475A Datasheet(HTML) 1 Page - Sanken electric

  STA475A_06 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
184
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
100
±15
V
VCEO
100
±15
V
VEBO
6V
IC
2A
ICP
4 (PW
≤1ms, Du≤25%)
A
IB
0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=85V
IEBO
5mA
VEB=6V
VCEO
85
100
115
V
IC=10mA
hFE
2000
5000
12000
VCE=4V, IC=1A
VCE(sat)
1.5
V
VBE(sat)
2.2
V
VFEC
1.8
V
IFEC=1A
ton
0.6
µsVCC 30V,
tstg
3.0
µsIC=1A,
tf
1.0
µsIB1=–IB2=2mA
PT
W
STA475A
IC=1A, IB=2mA
Specification
min
typ
max
R1: 4k
Ω typ R2: 150Ω typ
2
1
3
R1
R2
4
5
6
7
8
9
10
1
02
4
5
6
VCE (V)
3
4
1
0
2
3
0.2mA
0.3mA
0.5mA
1mA
2mA
5mA
(VCE=4V)
0.03
IC (A)
0.1
0.5
1
4
0.05
20000
10000
5000
1000
500
100
50
Ta
=125
°C
–30
°C
75
°C
25
°C
(IC / IB=1000)
0.3
IC (A)
0.5
1
4
0
1
2
3
125˚C
75
°C
25
°C
Ta=–30°C
0.1
IB (mA)
0
1
2
3
0.5
1
5
10
50 100
IC=4A
IC=2A
IC=1A
4
01
2
3
VBE (V)
1
2
3
(VCE=4V)
0
PW (mS)
100
50
1000
500
510
5
1
10
20
1
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
NPN Darlington
With built-in avalanche diode
5
3
0.03
510
VCE (V)
1
0.5
0.1
0.05
50
100
200
Single Pulse
Without Heatsink
Ta=25
°C
10m
s
100
µs
1ms
50µ
s
20000
10000
5000
1000
500
100
0.03
IC (A)
50
0.1
0.5
1
4
0.05
Typ
(VCE=4V)
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)


Similar Part No. - STA475A_06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA475A SANKEN-STA475A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
More results

Similar Description - STA475A_06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA401A SANKEN-STA401A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA435A SANKEN-STA435A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com