Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPU12061K32AZEA00 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TNPU12061K32AZEA00
Description  High Precision Thin Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPU12061K32AZEA00 Datasheet(HTML) 6 Page - Vishay Siliconix

  TNPU12061K32AZEA00 Datasheet HTML 1Page - Vishay Siliconix TNPU12061K32AZEA00 Datasheet HTML 2Page - Vishay Siliconix TNPU12061K32AZEA00 Datasheet HTML 3Page - Vishay Siliconix TNPU12061K32AZEA00 Datasheet HTML 4Page - Vishay Siliconix TNPU12061K32AZEA00 Datasheet HTML 5Page - Vishay Siliconix TNPU12061K32AZEA00 Datasheet HTML 6Page - Vishay Siliconix TNPU12061K32AZEA00 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 28779
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 12-Aug-10
319
TNPU e3
High Precision Thin Film Chip Resistors
± 0.05 %; ± 5 ppm/K
Vishay Draloric
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2; 6 h
± (0.05 %
R +0.01
Ω)
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
≥ 95 % covered);
no visible damage
Solder bath method;
SnAg3Cu0,5 or SnAg3,5;
non-activated flux
(235 ± 3) °C; (2 ± 0.2) s
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.02 %
R +0.01
Ω)
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol + 50 °C;
method 2
No visible damage
4.32
21 (Ue3)
Shear
(adhesion)
RR 1005M and RR 1608M;
9N
No visible damage
RR 2012M and RR 3216M;
45 N
4.33
21 (Ue1)
Substrate
bending
Depth 2 mm, 3 times
± (0.05 %
R +0.01
Ω)
no visible damage, no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins; 60 ± 5 s
No flashover or breakdown
4.35
-
Flammability
IEC 60695-11-5,
needle flame test; 10 s
No burning after 30 s
-
Damp heat
(85 ± 5) °C; 56 days
(85 ± 5) % RH
± (0.25
R + 0.05
Ω)
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE
Stability for product types:
TNPU0603 e3
TNPU0805 e3
TNPU1206 e3


Similar Part No. - TNPU12061K32AZEA00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPU1206-E3 VISHAY-TNPU1206-E3 Datasheet
141Kb / 9P
   Ultra Precision Thin Film Chip Resistors
01-Jan-2022
TNPU1206E3 VISHAY-TNPU1206E3 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU1206KK32AWEA00 VISHAY-TNPU1206KK32AWEA00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU1206KK32AWEI00 VISHAY-TNPU1206KK32AWEI00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU1206KK32AWEN00 VISHAY-TNPU1206KK32AWEN00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
More results

Similar Description - TNPU12061K32AZEA00

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
   High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXC WALSIN-WFXXC Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_Q WALSIN-SFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXT_Q WALSIN-WFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB_Q WALSIN-WFXXB_Q Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXF WALSIN-WFXXF Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com