Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92210 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS92210
Description  NATURAL PFC LED LIGHTING DRIVER CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92210_10 Datasheet HTML 5Page - Texas Instruments TPS92210_10 Datasheet HTML 6Page - Texas Instruments TPS92210_10 Datasheet HTML 7Page - Texas Instruments TPS92210_10 Datasheet HTML 8Page - Texas Instruments TPS92210_10 Datasheet HTML 9Page - Texas Instruments TPS92210_10 Datasheet HTML 10Page - Texas Instruments TPS92210_10 Datasheet HTML 11Page - Texas Instruments TPS92210_10 Datasheet HTML 12Page - Texas Instruments TPS92210_10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
20
0
50
100
200
250
300
60
100
160
120
I
FB
– Feedback Control Current – mA
150
40
140
80
T
J
= –40°C
T
J
= 125°C
and
T
J
= 25°C
Junction
Temperature
(°C)
25
125
–40
7.0
7.6
8.0
7.8
7.2
7.4
-40
-25
-10
125
T
A
– Ambient Temperature – °C
5
20
35
50
65
80
95
110
0
0.5
0.0
50
100
200
250
300
2.0
1.5
3.5
3.0
I
FB
- Feedback Current - mA
Ambient
Temperature
(°C)
25
125
–40
150
1.0
2.5
T
A
= 125°C
T
A
= 25°C
T
A
= –40°C
31
35
38
37
32
34
-40
-25
-10
125
T
A
– Ambient Temperature – °C
5
20
35
50
65
80
95
110
33
36
During Amplitude
Modulation
TPS92210
www.ti.com
SLUS989A – JANUARY 2010 – REVISED DECEMBER 2010
TYPICAL CHARACTERISTICS (continued)
Unless otherwise stated: VVDD = 12 V, VVCG = 12 V, VTZE = 1 V, VFB = 0 V, GND = 0 V, a 0.1µF capacitor tied between VDD
and GND, a 0.1-µF capacitor tied between VCG and GND, RPCL = 33.2 kΩ, ROTM = 380 kΩ, –40°C < TA < +125°C, TJ = TA
OSCILLATOR FREQUENCY
MINIMUM SWITCHING PERIOD
vs
vs
FEEDBACK CURRENT
TEMPERATURE
Figure 5.
Figure 6.
SWITCHING PERIOD
PEAK DRN CURRENT
vs
vs
AMBIENT TEMPERATURE
FEEDBACK CURRENT
Figure 7.
Figure 8.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS92210


Similar Part No. - TPS92210_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210 TI1-TPS92210_17 Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
More results

Similar Description - TPS92210_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210 TI-TPS92210 Datasheet
530Kb / 25P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210 TI1-TPS92210_17 Datasheet
813Kb / 30P
[Old version datasheet]   NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
logo
Excelliance MOS Corp.
EM8609A EXCELLIANCE-EM8609A Datasheet
161Kb / 6P
   Transition Mode PFC Controller for LED Lighting
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
   PSR & PFC LED DRIVER CONTROLLER
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Holtek Semiconductor In...
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com