Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA8519M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA8519M
Description  I/O Switch/Voice Signal-Processing IC for Cordless Telephones
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8519M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA8519M Datasheet HTML 1Page - Sanyo Semicon Device LA8519M Datasheet HTML 2Page - Sanyo Semicon Device LA8519M Datasheet HTML 3Page - Sanyo Semicon Device LA8519M Datasheet HTML 4Page - Sanyo Semicon Device LA8519M Datasheet HTML 5Page - Sanyo Semicon Device LA8519M Datasheet HTML 6Page - Sanyo Semicon Device LA8519M Datasheet HTML 7Page - Sanyo Semicon Device LA8519M Datasheet HTML 8Page - Sanyo Semicon Device LA8519M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
No. 6471-3/29
LA8519M
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Receiver BTL dynamic range
EDRb
IL = 20 mA/120 mA, RL = 3 kΩ, THD = 10%
5
10
Vp-p
(power supplied)
Receiver BTL dynamic range
DRb1
RL = 3 kΩ, IL = 20 mA, THD = 10%
2
3.4
Vp-p
(20 mA, power off)
Receiver BTL dynamic range
DRb2
RL = 3 kΩ, IL = 120 mA, THD = 10%
5
8.4
Vp-p
(120 mA, power off)
MUTE input high-level voltage
VIH
IL = 20 mA to 120 mA
0.6 VSP
V
(power supplied/power off)
MUTE input low-level voltage
VIL
IL = 20 mA to 120 mA
0
0.4
V
(power supplied/power off)
Transmitter PADC attenuation
∆Gt
IL = 40 mA, pin 34: grounded through 24 Ω
4.0
dB
(power supplied/power off)
Receiver PADC attenuation
∆Gr
IL = 40 mA, pin 34: grounded through 24 Ω
6.0
dB
(power supplied/power off)
Internal supply voltage
EVSP
IL = 20 mA/120 mA
4.75
V
(power supplied)
Internal supply voltage
VSP1IL = 20 mA
1.92
V
(20 mA, power off)
Internal supply voltage
VSP2IL = 120 mA
4.74
V
(120 mA, power off)
Internal reference voltage
ES-VREF
IL = 20 mA/120 mA
2.26
V
(power supplied)
Internal reference voltage
S-VREF1IL = 20 mA
0.79
V
(20 mA, power off)
Internal reference voltage
S-VREF2IL = 120 mA
1.92
V
(120 mA, power off)
[Voice Signal-Processing Block] at Ta = 25°C, VCC = 5 V, fIN = 1 kHz, RL = 10 kΩ
(Crosspoint switch)
Voltage gain
GSW
VIN = –13 dBV, pin 58 input, pin 2 output
–2.5
–0.5
1.5
dB
Maximum input level
VIN max
THD = 1.5%
–13.5
–7.5
dBV
Output noise voltage
VNOSW
Rg = 620
Ω, 20 to 20 kHz
7.0
40
µVrms
(Preamplifier: input from the crosspoint switch)
Voltage gain
VGC
VIN = –45 dBV
8.5
10.5
12.5
dB
Total harmonic distortion
THD
VIN = –20 dBV
0.26
1.0
%
ALC saturated output level
VOS
VIN = –20 dBV
93
115
137
mVrms
ALC range
ALCW
From the point the ALC circuit turns on to the point the THD reaches 1%.
15
dB
Output noise voltage
VNO
Rg = 620
Ω, 20 to 20 kHz
65
250
µVrms
(Microphone amplifier)
Voltage gain
VGm
VIN = –40 dBV
27.5
29.5
31.5
dB
Total harmonic distortion
THD
VIN = –40 dBV
0.05
1.0
%
Output noise voltage
VNO
Rg = 620
Ω, 20 to 20 kHz
65
250
µVrms
(Power amplifier)
Voltage gain
VGp
RL = 8 Ω, VIN = –30 dBV
27.5
29.5
31.5
dB
Maximum output power
Po
RL = 8 Ω, THD = 10%
200
275
mW
Total harmonic distortion
THD
VIN = –30 dBV
0.8
1.5
%
Ripple rejection ratio
SVRR
Rg = 620
Ω, fr = 100 kHz, Vr = –20 dBV
40
50
dB
Output noise voltage
VNO
Rg = 620
Ω, 20 to 20 kHz
35
100
µVrms
(VOX)
Sensitivity 1 low level
VOXLVIN = –40 dBV, RL = 100 kΩ
0.1
0.3
V
Sensitivity 2 high level
VOXHVIN = –44 dBV, RL = 100 kΩ
4.8
4.95
V
(Electronic volume control)
Step width
Evrw
2.9
3.8
4.7
dB
(Attenuator)
R-ATT attenuation
∆GR
5.4
6.4
7.4
dB
LINE-ATT attenuation
∆GL
4.6
5.6
6.6
dB
OSC-ATT attenuation
∆GO
13.1
14.6
16.1
dB
Continued on next page.


Similar Part No. - LA8519M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
LA8518NM SANYO-LA8518NM Datasheet
560Kb / 31P
   Signal Processor for Cordless Telephone Base Sets
More results

Similar Description - LA8519M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
LA8520M SANYO-LA8520M Datasheet
1,002Kb / 17P
   Audio Signal-Processing IC with I/O Switching
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
   VCR IMAGE I/O SIGNAL PROCESSING
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com