Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA8520M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA8520M
Description  Audio Signal-Processing IC with I/O Switching
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8520M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA8520M Datasheet HTML 3Page - Sanyo Semicon Device LA8520M Datasheet HTML 4Page - Sanyo Semicon Device LA8520M Datasheet HTML 5Page - Sanyo Semicon Device LA8520M Datasheet HTML 6Page - Sanyo Semicon Device LA8520M Datasheet HTML 7Page - Sanyo Semicon Device LA8520M Datasheet HTML 8Page - Sanyo Semicon Device LA8520M Datasheet HTML 9Page - Sanyo Semicon Device LA8520M Datasheet HTML 10Page - Sanyo Semicon Device LA8520M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Usage Notes
• Microphone and TR amplifiers
Since these two amplifiers are designed for high gain (they support gains up to 40 dB), they cannot be used as buffer
amplifiers. Use at lower gains may result in loss of phase margin and oscillation. Therefore, the gain must be set to a
value of at least 6 dB.
• Handset amplifier output (pin 34)
A resistor (of at least 150
Ω) must be inserted in series if this output is connected directly to a dynamic speaker.
• BTL power amplifier
The phase compensation capacitor C4 is not required if the high-frequency noise reduction capacitor C1 is not used.
Also, the phase compensation capacitors C2, C3, and C4 should be placed as close as possible to the IC pins, with C2
located the closest.
• Inter-pin shorting
This IC may be damaged or destroyed if power is applied with any pins shorted together. Therefore, when mounting
this IC to a printed circuit board always check for pin shorting caused by stray solder or any other foreign material
before applying power.
• Load shorting
This IC may be damaged or destroyed if it is operated for extended periods with the load shorted. Do not allow the load
to be shorted.
• The slightest fluctuations in operating conditions may cause the ratings to be exceeded if this IC is operated in the
vicinity of the maximum ratings. Since this can lead to destruction of the device, applications must be designed with
adequate margins with respect to the power-supply voltage and other parameters so that the maximum ratings are never
exceeded.
No. 6075-7/17
LA8520M
Input


Similar Part No. - LA8520M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
LA8501-P SANYO-LA8501-P Datasheet
51Kb / 2P
   Tone Ringer
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
More results

Similar Description - LA8520M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
   VCR IMAGE I/O SIGNAL PROCESSING
logo
Sanyo Semicon Device
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
   I/O Switch/Voice Signal-Processing IC for Cordless Telephones
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com