Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LA9242M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA9242M
Description  Analog Signal Processor ASP for CD Players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9242M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA9242M Datasheet HTML 1Page - Sanyo Semicon Device LA9242M Datasheet HTML 2Page - Sanyo Semicon Device LA9242M Datasheet HTML 3Page - Sanyo Semicon Device LA9242M Datasheet HTML 4Page - Sanyo Semicon Device LA9242M Datasheet HTML 5Page - Sanyo Semicon Device LA9242M Datasheet HTML 6Page - Sanyo Semicon Device LA9242M Datasheet HTML 7Page - Sanyo Semicon Device LA9242M Datasheet HTML 8Page - Sanyo Semicon Device LA9242M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LA9242M
No.7097–2/20
Continued on next page.
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
MV C
C
x
a
m4
6
,
6
5
n
i
P
7V
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
P
0
5
3W
m
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
7
+
o
t
5
2
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4
Specifications
Maximum Ratings at Ta = 25˚C, Pins 22, 45=GND
Operating Conditions at Pins 22, 45=GND
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
d
e
d
n
e
m
m
o
c
e
RV C
C
5V
e
g
a
t
l
o
v
y
l
p
p
u
s
g
n
i
t
a
r
e
p
o
e
l
b
a
w
o
ll
AV C
C
p
o
5
.
5
o
t
2
.
3V
Operating Supply Voltage at Limit of Operating Temperature at Pins 22, 45=GND
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
O2
r
p
o
T
5
7
+
o
t
0
1
e
g
a
t
l
o
v
y
l
p
p
u
s
g
n
i
t
a
r
e
p
o
e
l
b
a
w
o
ll
AV C
C
2
p
o
5
.
5
o
t
0
.
3V
˚C
Operating Characteristics at Ta=25
°C, Pins 22, 45=GND, V
CC (pins 56, 64)=5V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
r
d
t
n
e
r
r
u
CI
O
C
C
V C
C
V
+
)
4
6
n
i
p
(
1
C
C
)
6
5
n
i
p
(
24
24
34
4A
m
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
RV
F
E
R
R
V3
.
25
.
27
.
2V
]
e
c
a
f
r
e
t
n
I
[
h
t
V
-
E
Ch
t
v
E
CE
C8
.
0V
h
t
V
-
L
Ch
t
v
L
CL
C8
.
0V
h
t
V
-
T
A
Dh
t
v
T
A
DT
A
D8
.
0V
y
c
n
e
u
q
e
r
f
L
C
m
u
m
i
x
a
Mx
a
m
L
C
0
0
5z
H
k
]
r
e
i
f
il
p
m
a
F
R
[
e
g
a
t
l
o
v
l
a
n
g
i
s
o
n
M
S
F
Ro
M
S
F
R5
3
.
10
6
.
15
8
.
1V
)
l
a
m
r
o
N
(
r
e
i
f
il
p
m
a
F
R1
n
i
m
g
M
S
F
R
M
1
:
2
N
I
F
,
1
N
I
F
,
z
H
k
0
0
2
=
q
e
r
f
,
V
4
=
1
H
P
,
t
u
p
n
i
-
H
=
W
R
,
M
S
F
R
0
.
2
1
–5
.
0
1
–0
.
9
–B
d
)
W
R
-
D
C
(
r
e
i
f
il
p
m
a
F
R2
n
i
m
g
M
S
F
R
M
1
:
2
N
I
F
,
1
N
I
F
,
z
H
k
0
0
2
=
q
e
r
f
,
V
4
=
1
H
P
,
t
u
p
n
i
-
L
=
W
R
,
M
S
F
R
05
.
10
.
3B
d
]
r
e
i
f
il
p
m
a
s
u
c
o
F
[
)
l
a
m
r
o
N
(
n
i
a
g
O
D
F1
g
D
FM
1
:
2
N
I
F
H
=
W
R
,
O
D
F
,
t
u
p
n
i
-5
.
30
.
55
.
6B
d
)
W
R
-
D
C
(
n
i
a
g
O
D
F2
g
D
FM
1
:
2
N
I
F
L
=
W
R
,
O
D
F
,
t
u
p
n
i
-5
.
5
10
.
7
15
.
8
1B
d
)
l
a
m
r
o
N
(
t
e
s
f
f
o
O
D
F1
t
s
o
D
FH
=
W
R
,
n
o
o
v
r
e
s
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
m
o
r
f
e
c
n
e
r
e
f
f
i
D0
7
1
–0
0
7
1
+V
m
)
W
R
-
D
C
(
t
e
s
f
f
o
O
D
F2
t
s
o
D
FL
=
W
R
,
n
o
o
v
r
e
s
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
m
o
r
f
e
c
n
e
r
e
f
f
i
D0
9
1
–0
0
9
1
+V
m
)
l
a
m
r
o
N
(
t
e
s
f
f
o
e
m
i
t
f
f
O1
t
s
o
f
o
D
FH
=
W
R
,
f
f
o
o
v
r
e
s
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
m
o
r
f
e
c
n
e
r
e
f
f
i
D0
4
–0
0
4
+V
m
)
W
R
-
D
C
(
t
e
s
f
f
o
e
m
i
t
f
f
O2
t
s
o
f
o
D
FL
=
W
R
,
f
f
o
o
v
r
e
s
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
m
o
r
f
e
c
n
e
r
e
f
f
i
D0
4
–0
0
4
+V
m
p
e
t
s
t
n
e
m
t
s
u
j
d
a
t
e
s
f
f
Op
e
t
s
D
FE
F9
1V
m
1
H
e
g
a
t
l
o
v
h
c
r
a
e
s
F1
x
a
m
S
FD
N
G
=
S
S
F
,
O
D
F8
.
0V
1
L
e
g
a
t
l
o
v
h
c
r
a
e
s
F1
n
i
m
S
FD
N
G
=
S
S
F
,
O
D
F8
.
0
–V
2
H
e
g
a
t
l
o
v
h
c
r
a
e
s
F2
x
a
m
S
FV
=
S
S
F
,
O
D
F
C
C
8
.
0V
2
L
e
g
a
t
l
o
v
h
c
r
a
e
s
F2
n
i
m
S
FV
=
S
S
F
,
O
D
F
C
C
0V
]
r
e
i
f
il
p
m
a
g
n
i
k
c
a
r
T
[
)
l
a
m
r
o
N
(
X
A
M
n
i
a
g
E
T1
x
a
m
g
E
TM
1
:
E
,
z
H
k
0
1
=
f
H
=
W
R
,
V
4
=
1
H
P
,
t
u
p
n
i
-0
.
65
.
70
.
9B
d
)
W
R
-
D
C
(
X
A
M
n
i
a
g
E
T2
x
a
m
g
E
TM
1
:
E
,
z
H
k
0
1
=
f
L
=
W
R
,
V
4
=
1
H
P
,
t
u
p
n
i
-0
.
8
15
.
9
10
.
1
2B
d
)
l
a
m
r
o
N
(
N
I
M
n
i
a
g
E
T1
n
i
m
g
E
TM
1
:
E
,
z
H
k
0
1
=
f
H
=
W
R
,
V
1
=
1
H
P
,
t
u
p
n
i
-5
.
0
–8
.
1
+0
.
4
+B
d
)
W
R
-
D
C
(
N
I
M
n
i
a
g
E
T2
n
i
m
g
E
TM
1
:
E
,
z
H
k
0
1
=
f
L
=
W
R
,
V
1
=
1
H
P
,
t
u
p
n
i
-5
.
1
18
.
3
10
.
6
1B
d
)
l
a
m
r
o
N
(
B
d
3
E
T1
c
f
E
TM
1
:
E
H
=
W
R
,
t
u
p
n
i
-0
8z
H
k
)
W
R
-
D
C
(
B
d
3
E
T2
c
f
E
TM
1
:
E
L
=
W
R
,
t
u
p
n
i
-0
8z
H
k
n
i
a
g
O
Tg
O
TH
T
e
d
o
m
D
L
H
T
,
n
i
a
g
O
T0
.
40
.
60
.
8B
d
)
l
a
m
r
o
N
(
t
e
s
f
f
o
L
G
T1
t
s
o
L
G
TH
=
W
R
,
O
T
,
H
=
L
G
T
,
n
o
o
v
r
e
S0
5
2
–0
0
5
2
+V
m
)
W
R
-
D
C
(
t
e
s
f
f
o
L
G
T2
t
s
o
L
G
TL
=
W
R
,
O
T
,
H
=
L
G
T
,
n
o
o
v
r
e
S0
5
4
–0
0
5
4
+V
m
)
l
a
m
r
o
N
(
t
e
s
f
f
o
H
G
T1
t
s
o
H
G
TH
=
W
R
,
O
T
,
t
e
s
f
f
o
L
G
T
m
o
r
f
e
c
n
e
r
e
f
f
i
d
,
L
=
L
G
T0
5
–0
0
5
+V
m
)
W
R
-
D
C
(
t
e
s
f
f
o
H
G
T2
t
s
o
H
G
TL
=
W
R
,
O
T
,
t
e
s
f
f
o
L
G
T
m
o
r
f
e
c
n
e
r
e
f
f
i
d
,
L
=
L
G
T0
5
–0
0
5
+V
m
)
l
a
m
r
o
N
(
t
e
s
f
f
o
D
L
H
T1
t
s
o
D
L
H
TH
=
W
R
,
O
T
,
t
e
s
f
f
o
L
G
T
m
o
r
f
e
c
n
e
r
e
f
f
i
d
,
e
d
o
m
D
L
H
T0
5
–0
0
5
+V
m
)
W
R
-
D
C
(
t
e
s
f
f
o
D
L
H
T2
t
s
o
D
L
H
TL
=
W
R
,
O
T
,
t
e
s
f
f
o
L
G
T
m
o
r
f
e
c
n
e
r
e
f
f
i
d
,
e
d
o
m
D
L
H
T0
5
–0
0
5
+V
m
t
e
s
f
f
o
1
f
f
Ot
s
o
1
F
F
OH
=
F
F
O
T0
5
–0
0
5
+V
m
t
e
s
f
f
o
2
f
f
Ot
s
o
2
F
F
O)
F
I
(
f
f
o
2
F
F
O
T0
5
–0
0
5
+V
m


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LA9241M Analog Signal Processor ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9230M Analog Signal Processor ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9240M Analog Signal Processor ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9210M Analog Signal Processor for CD Players 1  2  3  4  5  More Sanyo Semicon Device
LA9220M Analog Signal Processing Circuit ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9233M Analog Signal Processor ASP for CD players  1  2  3  4  5  More Sanyo Semicon Device
LA9250M CD Player Analog Signal Processor ASP 1  2  3  4  5  More Sanyo Semicon Device
LC7865E Digital Signal Processor for Compact Disc Players 1  2  Sanyo Semicon Device
LC7861KE Digital Signal Processor for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device
LA9251M CD Player Analog Signal Processor ASP 1  2  3  4  5  More Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn