Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LA9242M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA9242M
Description  Analog Signal Processor ASP for CD Players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9242M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA9242M Datasheet HTML 1Page - Sanyo Semicon Device LA9242M Datasheet HTML 2Page - Sanyo Semicon Device LA9242M Datasheet HTML 3Page - Sanyo Semicon Device LA9242M Datasheet HTML 4Page - Sanyo Semicon Device LA9242M Datasheet HTML 5Page - Sanyo Semicon Device LA9242M Datasheet HTML 6Page - Sanyo Semicon Device LA9242M Datasheet HTML 7Page - Sanyo Semicon Device LA9242M Datasheet HTML 8Page - Sanyo Semicon Device LA9242M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LA9242M
No.7097–4/20
Continued on next page.
Pin Functions
.
o
N
n
i
Pl
o
b
m
y
S
s
t
n
e
t
n
o
C
12
N
I
F
e
t
a
r
e
n
e
g
o
t
n
i
p
1
N
I
F
m
o
r
f
d
e
t
c
a
r
t
b
u
s
,
l
a
n
g
i
s
F
R
e
h
t
e
t
a
r
e
n
e
g
o
t
n
i
p
1
N
I
F
o
t
d
e
d
d
A
.
n
i
p
n
o
i
t
c
e
n
n
o
c
e
d
o
i
d
o
t
o
h
p
p
u
k
c
i
P
.
l
a
n
g
i
s
E
F
e
h
t
21
N
I
F.
n
i
p
n
o
i
t
c
e
n
n
o
c
e
d
o
i
d
o
t
o
h
p
p
u
k
c
i
P
3E
.
l
a
n
g
i
s
E
T
e
h
t
e
t
a
r
e
n
e
g
o
t
F
n
i
p
m
o
r
f
d
e
t
c
a
r
t
b
u
S
.
n
i
p
n
o
i
t
c
e
n
n
o
c
e
d
o
i
d
o
t
o
h
p
p
u
k
c
i
P
4F
.
n
i
p
n
o
i
t
c
e
n
n
o
c
e
d
o
i
d
o
t
o
h
p
p
u
k
c
i
P
5B
T.
n
i
p
t
u
p
n
i
t
n
e
n
o
p
m
o
c
C
D
l
a
n
g
i
s
E
T
6E
T –
.
n
i
p
E
T
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
g
n
i
t
t
e
s
n
i
a
g
l
a
n
g
i
s
E
T
e
h
t
s
t
c
e
n
n
o
c
h
c
i
h
w
n
i
P
7E
T.
n
i
p
t
u
p
t
u
o
l
a
n
g
i
s
E
T
8I
S
E
T
.
r
e
t
li
f
s
s
a
p
d
n
a
b
a
h
g
u
o
r
h
t
t
u
p
n
i
s
i
l
a
n
g
i
s
E
T
e
h
T
.
n
i
p
t
u
p
n
i
r
o
t
a
r
a
p
m
o
c
)
e
s
n
e
S
r
o
r
r
E
k
c
a
r
T
(
S
E
T
9I
C
S.
n
i
p
t
u
p
n
i
n
o
i
t
c
e
t
e
d
k
c
o
h
S
0
1H
T.
n
i
p
g
n
i
t
t
e
s
t
n
a
t
s
n
o
c
e
m
i
t
n
i
a
g
g
n
i
k
c
a
r
T
1
1A
T.
n
i
p
t
u
p
t
u
o
r
e
i
f
il
p
m
a
A
T
2
1D
T –
.
s
n
i
p
R
V
d
n
a
D
T
e
h
t
n
e
e
w
t
e
b
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
g
n
i
k
c
a
r
t
e
h
t
g
n
i
r
u
g
i
f
n
o
c
r
o
f
n
i
P
3
1D
T.
n
i
p
g
n
i
t
t
e
s
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
g
n
i
k
c
a
r
T
4
1P
J.
n
i
p
g
n
i
t
t
e
s
e
d
u
t
il
p
m
a
)
e
s
l
u
p
k
c
i
k
(
l
a
n
g
i
s
p
m
u
j
g
n
i
k
c
a
r
T
5
1O
T.
n
i
p
t
u
p
t
u
o
l
a
n
g
i
s
l
o
r
t
n
o
c
g
n
i
k
c
a
r
T
6
1D
F.
n
i
p
t
u
p
t
u
o
l
a
n
g
i
s
l
o
r
t
n
o
c
g
n
i
s
u
c
o
F
7
1D
F –
.
s
n
i
p
A
F
d
n
a
D
F
e
h
t
n
e
e
w
t
e
b
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
g
n
i
s
u
c
o
f
e
h
t
g
n
i
r
u
g
i
f
n
o
c
r
o
f
n
i
P
8
1A
F
D
F
e
h
t
n
e
e
w
t
e
b
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
g
n
i
s
u
c
o
f
e
h
t
g
n
i
r
u
g
i
f
n
o
c
r
o
f
n
i
P
A
F
d
n
a
.
s
n
i
p
9
1A
F –
.
s
n
i
p
E
F
d
n
a
A
F
e
h
t
n
e
e
w
t
e
b
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
g
n
i
s
u
c
o
f
e
h
t
g
n
i
r
u
g
i
f
n
o
c
r
o
f
n
i
P
0
2E
F.
n
i
p
t
u
p
t
u
o
l
a
n
g
i
s
E
F
1
2E
F –
.
n
i
p
E
F
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
g
n
i
t
t
e
s
n
i
a
g
l
a
n
g
i
s
E
F
e
h
t
s
t
c
e
n
n
o
c
h
c
i
h
w
n
i
P
2
2D
N
G
A.
D
N
G
l
a
n
g
i
s
g
o
l
a
n
A
3
2C
Nn
o
i
t
c
e
n
n
o
c
o
N
4
2P
SV
C +
V
C
d
n
a
.
t
u
p
t
u
o
d
n
e
-
e
l
g
n
i
s
l
a
n
g
i
s
t
u
p
n
i
s
n
i
p
5
2G
P
S
.
n
i
p
n
o
i
t
c
e
n
n
o
c
r
o
t
s
i
s
e
r
g
n
i
t
t
e
s
n
i
a
g
e
d
o
m
e
l
d
n
i
p
s
m
c
-
2
1
6
2P
S –
.
n
i
p
D
P
S
e
h
t
h
t
i
w
g
n
o
l
a
,
n
i
p
n
o
i
t
c
e
n
n
o
c
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
e
l
d
n
i
p
S
7
2D
P
S.
n
i
p
t
u
p
t
u
o
l
a
n
g
i
s
l
o
r
t
n
o
c
e
l
d
n
i
p
S
8
2Q
E
L
S.
n
i
p
n
o
i
t
c
e
n
n
o
c
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
e
s
a
h
p
d
e
l
S
9
2D
L
S.
n
i
p
t
u
p
t
u
o
l
a
n
g
i
s
l
o
r
t
n
o
c
d
e
l
S
0
3L
S –
.
r
e
ll
o
r
t
n
o
c
o
r
c
i
m
m
o
r
f
l
a
n
g
i
s
t
n
e
m
e
v
o
m
d
e
l
s
r
o
f
n
i
p
t
u
p
n
I
1
3L
S +
.
r
e
ll
o
r
t
n
o
c
o
r
c
i
m
m
o
r
f
l
a
n
g
i
s
t
n
e
m
e
v
o
m
d
e
l
s
r
o
f
n
i
p
t
u
p
n
I
2
3P
J –
.
P
S
D
m
o
r
f
l
a
n
g
i
s
p
m
u
j
g
n
i
k
c
a
r
t
r
o
f
n
i
p
t
u
p
n
I
3
3P
J +
.
P
S
D
m
o
r
f
l
a
n
g
i
s
p
m
u
j
g
n
i
k
c
a
r
t
r
o
f
n
i
p
t
u
p
n
I
4
3L
G
T
.
h
g
i
h
s
i
L
G
T
n
e
h
w
w
o
l
s
i
n
i
a
G
.
P
S
D
m
o
r
f
l
a
n
g
i
s
l
o
r
t
n
o
c
n
i
a
g
g
n
i
k
c
a
r
t
r
o
f
n
i
p
t
u
p
n
I
5
3F
F
O
T
.
h
g
i
h
s
i
F
F
O
T
n
e
h
w
f
f
o
s
i
o
v
r
e
s
g
n
i
k
c
a
r
T
.
P
S
D
m
o
r
f
l
a
n
g
i
s
l
o
r
t
n
o
c
f
f
o
g
n
i
k
c
a
r
t
r
o
f
n
i
p
t
u
p
n
I
6
3S
E
T.
P
S
D
o
t
l
a
n
g
i
s
S
E
T
r
o
f
n
i
p
t
u
p
t
u
O
7
3L
F
H
d
e
r
o
r
r
i
m
e
h
t
r
e
v
o
r
o
t
i
b
a
r
e
v
o
d
e
n
o
i
t
i
s
o
p
s
i
m
a
e
b
n
i
a
m
e
h
t
r
e
h
t
e
h
w
e
n
i
m
r
e
t
e
d
o
t
d
e
s
u
s
i
l
e
v
e
L
y
c
n
e
u
q
e
r
F
h
g
i
H
e
h
T
.
e
c
a
f
r
u
s
8
3W
R
.
w
o
l
s
i
W
R
n
e
h
w
,
)
e
d
o
m
c
s
i
d
W
R
(
h
g
i
h
s
i
n
i
a
G
.
c
s
i
d
W
R
r
o
D
C
o
t
g
n
i
d
r
o
c
c
a
,
g
n
i
t
t
e
s
n
i
a
g
r
o
f
n
i
p
t
u
p
n
I
9
3V
C –
.
P
S
D
m
o
r
f
l
a
n
g
i
s
r
o
r
r
e
V
L
C
r
o
f
n
i
p
t
u
p
n
I
0
4V
C +
.
P
S
D
m
o
r
f
l
a
g
n
i
s
r
o
r
r
e
V
L
C
r
o
f
n
i
p
t
u
p
n
I
1
4M
S
F
R.
n
i
p
t
u
p
t
u
o
F
R
2
4S
F
R
.
n
i
p
M
S
F
R
e
h
t
h
t
i
w
g
n
o
l
a
,
n
i
p
g
n
i
t
t
e
s
t
n
a
t
s
n
o
c
n
o
i
t
a
s
n
e
p
m
o
c
T
3
l
a
n
g
i
s
M
F
E
d
n
a
g
n
i
t
t
e
s
n
i
a
g
F
R
3
4C
L
S
.
m
r
o
f
e
v
a
w
F
R
e
h
t
r
o
f
P
S
D
e
h
t
y
b
d
e
s
u
l
e
v
e
l
e
c
il
s
a
t
a
d
e
h
t
s
l
o
r
t
n
o
c
t
a
h
t
n
i
p
t
u
p
t
u
o
n
a
s
i
l
o
r
t
n
o
C
l
e
v
e
L
e
c
il
S
4
4I
L
S
.
l
e
v
e
l
e
c
il
s
a
t
a
d
e
h
t
g
n
il
l
o
r
t
n
o
c
r
o
f
P
S
D
y
b
d
e
s
u
n
i
p
t
u
p
n
I
5
4D
N
G
D.
n
i
p
D
N
G
m
e
t
s
y
s
l
a
t
i
g
i
D
6
4C
S
F.
n
i
p
t
u
p
t
u
o
r
o
t
i
c
a
p
a
c
g
n
i
h
t
o
o
m
s
h
c
r
a
e
s
s
u
c
o
F
7
4C
B
T
.
n
i
p
g
n
i
t
t
e
s
e
g
n
a
r
e
l
b
a
i
r
a
v
t
n
e
m
t
s
u
j
d
a
e
c
n
a
l
a
b
F
E
;
l
o
r
t
n
o
C
e
c
n
a
l
a
B
g
n
i
k
c
a
r
T
8
4C
Nn
o
i
t
c
e
n
n
o
c
o
N
9
4F
E
D.
n
i
p
t
u
p
t
u
o
n
o
i
t
c
e
t
e
d
t
c
e
f
e
d
c
s
i
D
0
5K
L
C
.
t
u
p
n
i
s
i
P
S
D
e
h
t
m
o
r
f
l
a
n
g
i
s
z
H
M
3
2
.
4
.
n
i
p
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
R
1
5L
C.
n
i
p
t
u
p
n
i
k
c
o
l
c
d
n
a
m
m
o
c
r
o
s
s
e
c
o
r
p
o
r
c
i
M
2
5T
A
D.
n
i
p
t
u
p
n
i
a
t
a
d
d
n
a
m
m
o
c
r
o
s
s
e
c
o
r
p
o
r
c
i
M
3
5E
C.
n
i
p
t
u
p
n
i
e
l
b
a
n
e
p
i
h
c
d
n
a
m
m
o
c
r
o
s
s
e
c
o
r
p
o
r
c
i
M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LA9241M Analog Signal Processor ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9230M Analog Signal Processor ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9240M Analog Signal Processor ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9210M Analog Signal Processor for CD Players 1  2  3  4  5  More Sanyo Semicon Device
LA9220M Analog Signal Processing Circuit ASP for CD players 1  2  3  4  5  More Sanyo Semicon Device
LA9233M Analog Signal Processor ASP for CD players  1  2  3  4  5  More Sanyo Semicon Device
LA9250M CD Player Analog Signal Processor ASP 1  2  3  4  5  More Sanyo Semicon Device
LC7865E Digital Signal Processor for Compact Disc Players 1  2  Sanyo Semicon Device
LC7861KE Digital Signal Processor for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device
LA9251M CD Player Analog Signal Processor ASP 1  2  3  4  5  More Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn