Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11985H Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11985H
Description  VCR Capstan Motor Brushless Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11985H Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11985H Datasheet HTML 1Page - Sanyo Semicon Device LB11985H Datasheet HTML 2Page - Sanyo Semicon Device LB11985H Datasheet HTML 3Page - Sanyo Semicon Device LB11985H Datasheet HTML 4Page - Sanyo Semicon Device LB11985H Datasheet HTML 5Page - Sanyo Semicon Device LB11985H Datasheet HTML 6Page - Sanyo Semicon Device LB11985H Datasheet HTML 7Page - Sanyo Semicon Device LB11985H Datasheet HTML 8Page - Sanyo Semicon Device LB11985H Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 6209-2/9
LB11985H
Electrical Characteristics at Ta = 25°C, VCC = 5 V, VS = 15 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VCC current drain
ICC
RL =
∞, VCTL = 0 V (quiescent mode)
10
15
mA
[Output]
Output saturation voltage
VOsat1
IO = 500 mA, Rf = 0.5 Ω, Sink + Source
2.2
2.7
V
VCTL = VLIM = 5 V (with saturation prevention)
VOsat2
IO = 1.0 A, Rf = 0.5 Ω, Sink + Source
2.8
3.7
V
VCTL = VLIM = 5 V (with saturation prevention)
Output leakage current
IOleak
1.0
mA
[FR]
FR pin input
VFR
14
V
Threshold voltage
FR pin input
Ib (FR)
VFR = 5 V
100
150
µA
Input bias current
[BR]
BR pin input
VBRTH
14
V
Threshold voltage
BR pin input
Ib (BR)
VBR = 5 V
100
150
µA
Input bias current
[Control]
CTLREF pin voltage
VCREF
2.0
2.15
2.3
V
CTLREF pin input range
VCREF IN
1
4
V
CTL pin input bias current
Ib (CTL)
VCTL = 5 V, with CTLREF open
5
µA
CTL pin control start voltage
VCTL (ST)
Rf = 0.5
Ω, VLIM = 5 V, Io ≥ 40 mA
2.0
2.2
2.4
V
With the Hall input logic states fixed (U, V, W = high, high, low)
CTL pin control Gm
Gm (CTL)
Rf = 0.5
Ω, ∆Io = 200 mA
1.8
2.25
2.7
V
With the Hall input logic states fixed (U, V, W = high, high, low)
[Current Limiter]
LIM current limit offset voltage
Voff (LIM)
Rf = 0.5
Ω, VCTL = 5 V, Io ≥ 40 mA
80
200
320
mV
With the Hall input logic states fixed (U, V, W = high, high, low)
LIM pin input bias current
Ib (LIM)
VCTL = 5 V,VREF: OPEN, VLIM = 0 V
–2
–1
µA
LIM pin current limit level
Gm (LIM)
Rf = 0.5
Ω, VCTL = 5 V
0.37
0.47
0.57
mA
With the Hall input logic states fixed (U, V, W = high, high, low)
[Hall Amplifier]
Input offset voltage
Voff (HALL)
–6
+6
mV
Input bias current
Ib (HALL)
1.0
3.0
µA
Common-mode input voltage
Vcm (HALL)
1.3
3.3
V
Torque ripple correction ratio
TRC
At the bottom and peak that occur in the Rf
14.5
%
waveform at 200 mA (Rf = 0.5
Ω)
[FG Amplifier]
FG amplifier input offset voltage
Voff (FG)
–8
+8
mV
FG amplifier input bias current
Ib (FG)
–100
nA
FG amplifier output saturation voltage
VOsat (FG)
For the sink side, at the internal pull-up resistor
0.4
0.55
V
FG amplifier common-mode input voltage
VCM (FG)
1.0
4.0
V
[Saturation]
Saturation prevention circuit
VOsat (DET) Io = 10 mA, Rf = 0.5 Ω, VCTL = VLIM = 5 V
0.13
0.25
0.42
V
lower side set voltage
The voltages between the OUT-Rf pairs at full wave.
[Schmitt Amplifier]
Duty
DUTY
60 mVp-p, 1 kHz input *1
49
50
51
%
Upper side output saturation voltage
Vsatu (SH)
4.8
V
Lower side output saturation voltage
Vsatd (SH)
0.2
V
Hysteresis
Vhys
Design target values *2
45
mV
TSD operating temperature
T-TSD
Design target values *2
180
°C
TSD hysteresis
∆T-TSD
Design target values *2
15
°C
Note *1 : The ratings are just the measured value with no margin afforded.
*2 : Items shown to be design target values in the conditions column are not measured.


Similar Part No. - LB11985H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB11983 SANYO-LB11983 Datasheet
97Kb / 7P
   For Fan Motor Driver for Refrigerator 3-Phase Sensorless Motor Driver
LB11988 SANYO-LB11988 Datasheet
52Kb / 6P
   Refrigerator Fan Motor Driver
LB11988 SANYO-LB11988 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
More results

Similar Description - LB11985H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
Panasonic Semiconductor
AN3841SR PANASONIC-AN3841SR Datasheet
31Kb / 1P
   Capstan Motor Driver IC for VCR
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com