Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11985 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11985
Description  VCR Capstan Motor Brushless Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11985 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11985 Datasheet HTML 1Page - Sanyo Semicon Device LB11985 Datasheet HTML 2Page - Sanyo Semicon Device LB11985 Datasheet HTML 3Page - Sanyo Semicon Device LB11985 Datasheet HTML 4Page - Sanyo Semicon Device LB11985 Datasheet HTML 5Page - Sanyo Semicon Device LB11985 Datasheet HTML 6Page - Sanyo Semicon Device LB11985 Datasheet HTML 7Page - Sanyo Semicon Device LB11985 Datasheet HTML 8Page - Sanyo Semicon Device LB11985 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering number :ENN6209B
12800RM (OT) No. 6209-1/9
Functions
• Three-phase current linear drive with switching between
full-wave and half-wave operations
• Torque ripple correction circuit
• Current limiter circuit
• Upper and lower sides output stage saturation prevention
circuits
• Short brake circuit
• FG amplifier
• Thermal shutdown circuit
Package Dimensions
unit: mm
3233-HSOP28H
6.2
28
15
114
0.8
15.3
2.7
0.3
0.25
0.85
SANYO: HSOP28H
[LB11985H]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Monolithic Digital IC
LB11985H
VCR Capstan Motor Brushless Motor Driver
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCCmax
6V
VSmax
15.5
V
Maximum output current
IOmax
1.5
A
Maximum output voltage
VOmax
30
V
Allowable power dissipation
Pdmax
Independent IC
0.8
W
76.1
× 114.3 × 1.6 mm3: With glass epoxy
2.0
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VS
8 to 15
V
VCC
4.5 to 5.5
Hall input amplitude
VHALL
Between Hall inputs
±20 to ±100
mV 0-P
GSENSE input range
VGSENSE
With respect to the control system ground
–0.20 to +0.20
V
Allowable Operating Ranges at Ta = 25°C
Note : Forward/reverse switching is not possible in half-wave operation mode.


Similar Part No. - LB11985

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB11983 SANYO-LB11983 Datasheet
97Kb / 7P
   For Fan Motor Driver for Refrigerator 3-Phase Sensorless Motor Driver
LB11988 SANYO-LB11988 Datasheet
52Kb / 6P
   Refrigerator Fan Motor Driver
LB11988 SANYO-LB11988 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
More results

Similar Description - LB11985

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
Panasonic Semiconductor
AN3841SR PANASONIC-AN3841SR Datasheet
31Kb / 1P
   Capstan Motor Driver IC for VCR
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com