Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11995 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB11995
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11995 Datasheet HTML 2Page - Sanyo Semicon Device LB11995 Datasheet HTML 3Page - Sanyo Semicon Device LB11995 Datasheet HTML 4Page - Sanyo Semicon Device LB11995 Datasheet HTML 5Page - Sanyo Semicon Device LB11995 Datasheet HTML 6Page - Sanyo Semicon Device LB11995 Datasheet HTML 7Page - Sanyo Semicon Device LB11995 Datasheet HTML 8Page - Sanyo Semicon Device LB11995 Datasheet HTML 9Page - Sanyo Semicon Device LB11995 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LB11995
No. 6112-6/10
Sample Application Circuit 1 (12V Version)
Capacitor requirements may change depending on motor.
For some motors, capacitor between Hall inputs may not be needed.
Power supply - GND
Output - GND
Between Hall inputs
1 VOUT
24
PWR GND
2 UOUT
23
WOUT
3 VCC2
22
VC
4 VCC3
21
VCREF
5 RF
20
FC
6 VCC1
FRAME GND
19
LMC
FRAME GND
7 UIN2
18
SIG GND
8 UIN1
17
S/S
9 VIN2
16
BRAKE
10 VIN1
15
FG
11 WIN2
14
RS
12 WIN1
13
VH
LB11995
0.1
µF
0.1
µF
0.1
µF
CTRL signal
CTRL reference voltage
0.1
µF
12V
5V
0.33
0.1
µF
0.1
µF
0.047
µF
0.047
µF
0.047
µF
S/S
BRAKE
A12339
By connecting the LMC pin to GND,
the limiter setting current can be
increased by a factor of 1.5.


Similar Part No. - LB11995

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Similar Description - LB11995

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com