Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400HA-24A Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # CM400HA-24A
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400HA-24A Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  CM400HA-24A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM400HA-24A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI IGBT MODULES
CM400HA-24A
HIGH POWER SWITCHING USE
INSULATED TYPE
6
January-2011
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
FREE WHEELING DIODE
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
VCC=600 V, VGE=±15 V, RG=0.78 Ω, Tj=125 °C
INDUCTIVE LOAD
VCC=600 V, VGE=±15 V, RG=0.78 Ω, Tj=125 °C
INDUCTIVE LOAD
10
100
1000
10
100
1000
10
100
1000
10
100
1000
COLLECTOR CURRENT IC (A)
EMITTER CURRENT IE (A)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
VCC=600 V, VGE=±15 V, RG=0.78 Ω, Tj=125 °C
INDUCTIVE LOAD, PER PULSE
VCC=600 V, IC/IE=400 A, VGE=±15 V, Tj=125 °C
INDUCTIVE LOAD, PER PULSE
1
10
100
10
100
1000
10
100
1000
0.1
1
10
COLLECTOR CURRENT IC (A)
EMITTER CURRENT IE (A)
EXTERNAL GATE RESISTANCE RG (Ω)
td(on)
t r
td(off)
t f
Eon
Eoff
Err
Eon
Eoff
Err
I rr
t rr


Similar Part No. - CM400HA-24A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400HA-24A POWEREX-CM400HA-24A Datasheet
235Kb / 4P
   Single IGBTMOD??A-Series Module 400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A_10 Datasheet
432Kb / 4P
   Single IGBTMOD A-Series Module 400 Amperes/1200 Volts
More results

Similar Description - CM400HA-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com