Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50B6L1C060 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM50B6L1C060
Description  INTELLIGENT POWER MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50B6L1C060 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM50B6L1C060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50B6L1C060
FLAT-BASE TYPE
INSULATED PACKAGE
Jan. 2011
INTERNAL FUNCTIONS BLOCK DIAGRAM
MAXIMUM RATINGS
(Tj = 25°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Conditions
Ratings
Unit
VCES
Collector-Emitter Voltage
VD=15V, VCIN=15V
600
V
IC
TC=25°C
50
ICRM
Collector Current
Pulse
100
A
Ptot
Total Power Dissipation
TC=25°C
168
W
IE
Emitter Current
TC=25°C
50
IERM
(Free wheeling Diode Forward current)
Pulse
100
A
Tj
Junction Temperature
-20 ~ +150
°C
*: Tc measurement point is just under the chip.
CONVERTER PART
Symbol
Parameter
Conditions
Ratings
Unit
VCES
Collector-Emitter Voltage
VD=15V, VCIN=15V
600
V
IC
TC=25°C
50
ICRM
Collector Current
Pulse
100
A
Ptot
Total Power Dissipation
TC=25°C
168
W
IE
Emitter Current
TC=25°C
50
IERM
(Free wheeling Diode Forward current)
Pulse
100
A
IF
Di Forward Current
TC=25°C
50
A
VR(DC)
Di Rated DC Reverse Voltage
TC=25°C
600
V
Tj
Junction Temperature
-20 ~ +150
°C
*: Tc measurement point is just under the chip.
Vcc
Fo
IN
GND
GND SC OT OUT
Vcc
Fo
IN
GND
GND SC OT OUT
Vcc
Fo
IN
GND
GND SC OT OUT
Vcc
Fo
IN
GND
GND SC OT OUT
Vcc
Fo
IN
GND
GND SC OT OUT
Vcc
Fo
IN
GND
GND SC OT OUT
1.5k
Br Fo
VNCWN
VN1
VN
UN
NC NC NC NC
VVPC
VUPC
VP
UP
VVP1
VUP1
VFo
UFo
1.5k
1.5k
P
U
V
W
N
B


Similar Part No. - PM50B6L1C060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50B6L1C060 POWEREX-PM50B6L1C060 Datasheet
373Kb / 4P
   Photo Voltaic IPM H-Bridge 2 Choppers 50 Amperes/600 Volts
More results

Similar Description - PM50B6L1C060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com