Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11996 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LB11996
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11996 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11996 Datasheet HTML 2Page - Sanyo Semicon Device LB11996 Datasheet HTML 3Page - Sanyo Semicon Device LB11996 Datasheet HTML 4Page - Sanyo Semicon Device LB11996 Datasheet HTML 5Page - Sanyo Semicon Device LB11996 Datasheet HTML 6Page - Sanyo Semicon Device LB11996 Datasheet HTML 7Page - Sanyo Semicon Device LB11996 Datasheet HTML 8Page - Sanyo Semicon Device LB11996 Datasheet HTML 9Page - Sanyo Semicon Device LB11996 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LB11996,11996H
No. 6181-9/10
Continued from preceding page
Control reference voltage applied pin.
Determines control start voltage.
Speed control voltage applied pin.
V type control technique
VC > VCREF : Forward
VC < VCREF : Slowdown
(Reverse-blocking circuit prevents
reverse rotation.)
W-phase output.
Output transistor GND.
V-phase output.
Upper side output NPN transistor
collector pin (common for all 3
phases).
For current detection, connect
resistor between VCC3 pin and RF
pin. Constant current control and
current limiter works by detecting this
voltage.
Short brake pin.
BRAKE:
High –> Brake
Low/Open –> Drive
U-phase output.
VCREF
VC
WOUT
VOUT
UOUT
0V to VCC1
GND pin for all circuits except output.
Control loop frequency compensator
pin.
Connecting a capacitor between this
pin and GND prevents closed loop
oscillation in current limiting circuitry.
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
SIG GND
FC
PWR GND
RF
FGSEL
BRAKE
18
(8)
20
(6)
21
(5)
22
(4)
23 (2)
24 (1)
1 (28)
2 (27)
5
(23)
19
(7)
16
(12)
0V to 3.5V
Unit (resistance:
Ω)
3 Hall FG/1 Hall FG select pin.
FGSEL:
High –> 3 Hall FG
Low/Open –> 1 Hall FG
( 6 )
20
20k
5k
2k
VCC1
51k
21
200
25
200
µA
25
µA
VCC1
15
µA
15
µA
22
( 4 )
( 5 )
5
3.9
3.9
VCC2
1
23
2
24
( 23 )
(2 28 27)
( 1 )
VCC1
50k
75k
19
( 7 )
100
µA
VCC1
50k
75k
16
( 12 )


Similar Part No. - LB11996

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Similar Description - LB11996

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com