Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1300M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TB1300M
Description  50A BIDIRECTIONAL SURFACE MOUNT THYRISTOR DUAL NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB1300M Datasheet(HTML) 1 Page - Diodes Incorporated

  TB1300M Datasheet HTML 1Page - Diodes Incorporated TB1300M Datasheet HTML 2Page - Diodes Incorporated TB1300M Datasheet HTML 3Page - Diodes Incorporated TB1300M Datasheet HTML 4Page - Diodes Incorporated TB1300M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TB0640M - TB3500M
Document number: DS30361 Rev. 9 - 2
1 of 5
www.diodes.com
September 2010
© Diodes Incorporated
TB0640M - TB3500M
50A BIDIRECTIONAL SURFACE MOUNT THYRISTOR DUAL NPN TRANSISTOR
Features
50A Peak Pulse Current @ 10/1000
μs
250A Peak Pulse Current @ 8/20
μs
58 - 320V Stand-Off Voltages
Oxide-Glass Passivated Junction
Bidirectional Protection In a Single Device
High Off-State impedance and Low On-State Voltage
Helps Equipment Meet GR-1089-CORE, IEC 61000-4-5, FCC
Part 68, ITU-T K.20/K.21, and UL497B
UL Listed Under Recognized Component Index, File Number
156346
Lead Free Finish/RoHS Compliant (Note 1)
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
Case: SMB
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: None; Bidirectional Devices Have No Polarity Indicator
Marking Information: See Pages 2 & 4
Ordering Information: See Page 4
Weight: 0.093 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Impulse Current
@10/1000us
Ipp
50
A
Non-Repetitive Peak On-State Current
@8.3ms (one-half cycle)
ITSM
30
A
Typical Positive Temperature Coefficient for Breakdown Voltage
ΔVBR/ΔTj
0.1
%/°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Lead
RθJL
20
°C/W
Thermal Resistance, Junction to Ambient
RθJA
100
°C/W
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Maximum Rated Surge Waveform
Waveform
Standard
Ipp (A)
2/10 us
GR-1089-CORE
300
8/20 us
IEC 61000-4-5
250
10/160 us
FCC Part 68
150
10/700 us
ITU-T, K.20/K.21
100
10/560 us
FCC Part 68
75
10/1000 us
GR-1089-CORE
50
Peak Value (I
)
pp
Half Value
t = rise time to peak value
t = decay time to half value
r
p
t
r
t
p
 
Green
Top View
Bottom View


Similar Part No. - TB1300M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB1300M DIODES-TB1300M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
logo
Lite-On Technology Corp...
TB1300M LITEON-TB1300M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB1300M DIODES-TB1300M Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
TB1300M SUNMATE-TB1300M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB1300M-13 DIODES-TB1300M-13 Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results

Similar Description - TB1300M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N5794U TTELEC-2N5794U Datasheet
487Kb / 3P
   Surface Mount Dual NPN Transistor
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
   SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Diodes Incorporated
BC847CDLP DIODES-BC847CDLP Datasheet
119Kb / 4P
   NPN DUAL SURFACE MOUNT TRANSISTOR
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com