Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8361 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8361
Description  LF to 2.5 GHz TruPwr??Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8361_1 Datasheet HTML 7Page - Analog Devices AD8361_1 Datasheet HTML 8Page - Analog Devices AD8361_1 Datasheet HTML 9Page - Analog Devices AD8361_1 Datasheet HTML 10Page - Analog Devices AD8361_1 Datasheet HTML 11Page - Analog Devices AD8361_1 Datasheet HTML 12Page - Analog Devices AD8361_1 Datasheet HTML 13Page - Analog Devices AD8361_1 Datasheet HTML 14Page - Analog Devices AD8361_1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8361
Rev. C | Page 11 of 24
CIRCUIT DESCRIPTION
The AD8361 is an rms-responding (mean power) detector that
provides an approach to the exact measurement of RF power
that is basically independent of waveform. It achieves this
function through the use of a proprietary technique in which
the outputs of two identical squaring cells are balanced by the
action of a high-gain error amplifier.
The signal to be measured is applied to the input of the first
squaring cell, which presents a nominal (LF) resistance of
225 Ω between the RFIN and COMM pins (connected to the
ground plane). Because the input pin is at a bias voltage of about
0.8 V above ground, a coupling capacitor is required. By making
this an external component, the measurement range may be
extended to arbitrarily low frequencies.
The AD8361 responds to the voltage, VIN, at its input by
squaring this voltage to generate a current proportional to VIN
squared. This is applied to an internal load resistor, across which
a capacitor is connected. These form a low-pass filter, which
extracts the mean of VIN squared. Although essentially voltage-
responding, the associated input impedance calibrates this port
in terms of equivalent power. Therefore, 1 mW corresponds to a
voltage input of 447 mV rms. The Applications section shows
how to match this input to 50 Ω.
The voltage across the low-pass filter, whose frequency may be
arbitrarily low, is applied to one input of an error-sensing
amplifier. A second identical voltage-squaring cell is used to
close a negative feedback loop around this error amplifier. This
second cell is driven by a fraction of the quasi-dc output voltage
of the AD8361. When the voltage at the input of the second
squaring cell is equal to the rms value of VIN, the loop is in a
stable state, and the output then represents the rms value of the
input. The feedback ratio is nominally 0.133, making the rms-dc
conversion gain ×7.5, that is
rms
V
V
IN
OUT
×
= 5
.
7
By completing the feedback path through a second squaring
cell, identical to the one receiving the signal to be measured,
several benefits arise. First, scaling effects in these cells cancel;
thus, the overall calibration may be accurate, even though the
open-loop response of the squaring cells taken separately need
not be. Note that in implementing rms-dc conversion, no
reference voltage enters into the closed-loop scaling. Second, the
tracking in the responses of the dual cells remains very close
over temperature, leading to excellent stability of calibration.
The squaring cells have very wide bandwidth with an intrinsic
response from dc to microwave. However, the dynamic range of
such a system is fairly small, due in part to the much larger
dynamic range at the output of the squaring cells. There are
practical limitations to the accuracy of sensing very small error
signals at the bottom end of the dynamic range, arising from small
random offsets that limit the attainable accuracy at small inputs.
On the other hand, the squaring cells in the AD8361 have a
Class-AB aspect; the peak input is not limited by their quiescent
bias condition but is determined mainly by the eventual loss of
square-law conformance. Consequently, the top end of their
response range occurs at a fairly large input level (approximately
700 mV rms) while preserving a reasonably accurate square-law
response. The maximum usable range is, in practice, limited by
the output swing. The rail-to-rail output stage can swing from a
few millivolts above ground to less than 100 mV below the
supply. An example of the output induced limit: given a gain of
7.5 and assuming a maximum output of 2.9 V with a 3 V supply,
the maximum input is (2.9 V rms)/7.5 or 390 mV rms.
Filtering
An important aspect of rms-dc conversion is the need for
averaging (the function is root-MEAN-square). For complex RF
waveforms, such as those that occur in CDMA, the filtering
provided by the on-chip, low-pass filter, although satisfactory
for CW signals above 100 MHz, is inadequate when the signal
has modulation components that extend down into the
kilohertz region. For this reason, the FLTR pin is provided: a
capacitor attached between this pin and VPOS can extend the
averaging time to very low frequencies.
Offset
An offset voltage can be added to the output (when using the
MSOP version) to allow the use of ADCs whose range does not
extend down to ground. However, accuracy at the low end
degrades because of the inherent error in this added voltage.
This requires that the IREF (internal reference) pin be tied to
VPOS and SREF (supply reference) to ground.
In the IREF mode, the intercept is generated by an internal
reference cell and is a fixed 350 mV, independent of the supply
voltage. To enable this intercept, IREF should be open-circuited,
and SREF should be grounded.
In the SREF mode, the voltage is provided by the supply. To
implement this mode, tie IREF to VPOS and SREF to VPOS.
The offset is then proportional to the supply voltage and is
400 mV for a 3 V supply and 667 mV for a 5 V supply.


Similar Part No. - AD8361_1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
More results

Similar Description - AD8361_1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com