Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82675SIPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82675SIPR
Description  600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82675SIPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS82675SIPR Datasheet HTML 1Page - Texas Instruments TPS82675SIPR Datasheet HTML 2Page - Texas Instruments TPS82675SIPR Datasheet HTML 3Page - Texas Instruments TPS82675SIPR Datasheet HTML 4Page - Texas Instruments TPS82675SIPR Datasheet HTML 5Page - Texas Instruments TPS82675SIPR Datasheet HTML 6Page - Texas Instruments TPS82675SIPR Datasheet HTML 7Page - Texas Instruments TPS82675SIPR Datasheet HTML 8Page - Texas Instruments TPS82675SIPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SIP-8
(TOP VIEW)
SIP-8
(BOTTOMVIEW)
A1
B1
C1
A2
B2
C2
GND
MODE
VOUT
GND
A3
C3
VIN
EN
A3
C3
A2
B2
C2
GND
EN
VIN
GND
C1
VOUT
MODE
A1
B1
TPS82671
TPS82675
SLVSAI0 – OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
1.8V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
2.5V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 600 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
Regulated DC output voltage
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
VOUT
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
Line regulation
VI = VO + 0.5V (min 2.5V) to 5.5V, IO = 200 mA
0.23
%/V
Load regulation
IO = 0mA to 600 mA. PWM operation
–0.00085
%/mA
Feedback input resistance
480
k
TPS82671
IO = 1mA, VO = 1.8V
19
mVPP
Power-save mode
ΔVO
TPS82677
IO = 1mA, VO = 1.8V
40
mVPP
ripple voltage
TPS82675
IO = 1mA, VO = 1.2V
16
mVPP
Start-up time
TPS82671
IO = 0mA, Time from active EN to VO
120
ms
Discharge resistor
rDIS
for power-down
TPS8267_
Device featuring active discharge
70
150
sequence
PIN ASSIGNMENTS
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
VOUT
A1
O
Power output pin. Apply output load between this pin and GND.
VIN
A2, A3
I
The VIN pins supply current to the TPS8267x internal regulator.
This is the enable pin of the device. Connect this pin to ground to force the converter into
EN
B2
I
shutdown mode. Pull this pin to VI to enable the device. This pin must not be left floating and
must be terminated.
This is the mode selection pin of the device. This pin must not be left floating and must be
terminated.
MODE = LOW: The device is operating in regulated frequency pulse width modulation mode
MODE
B1
I
(PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE = HIGH: Low-noise mode is enabled and regulated frequency PWM operation is forced.
GND
C1, C2, C3
Ground pin.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS82671 TPS82675


Similar Part No. - TPS82675SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82675SIPR TI1-TPS82675SIPR Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82675SIPR TI1-TPS82675SIPR Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI-TPS82675SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI1-TPS82675SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82675SIPR TI1-TPS82675SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82675SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com