Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN13206A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN13206A
Description  Video 75 W Driver IC built in Charge Pump Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN13206A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN13206A Datasheet HTML 1Page - Panasonic Semiconductor AN13206A Datasheet HTML 2Page - Panasonic Semiconductor AN13206A Datasheet HTML 3Page - Panasonic Semiconductor AN13206A Datasheet HTML 4Page - Panasonic Semiconductor AN13206A Datasheet HTML 5Page - Panasonic Semiconductor AN13206A Datasheet HTML 6Page - Panasonic Semiconductor AN13206A Datasheet HTML 7Page - Panasonic Semiconductor AN13206A Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN13206A
3
SDB00115AEB
AN13206A
Video 75 W Driver IC built in Charge Pump Circuit
Overview
AN13206A is a 75
Ω driver IC for video which can operate with power supply of 2.85 V. It can be used for direct DC coupling by a
charge pump circuit which can get a sufficient output dynamic range from power supply of 2.85 V
Features
1. Power Supply voltage : 2.85V, 75
Ω driver for 1-ch. Video signal.
2. Output capacitor is unnecessary by generating negative voltage from Charge Pump Circuit.
3. Supporting wide output dynamic range.
4. Adopting of small size non-leaded package.
Mounting area :
−45% (than conventional products), including shrinking the area of peripheral parts.
5. Output pin can be a high impedance. Additionally two switches are built-in, the output pin for a video signal is usable with other
ICs .
6. Peripheral resistor of 75
Ω is possible to use as terminating resistance. (output pin is shorted to GND by internal switch.)
Applications
Video 75
Ω driver for the mobile devices. (For mobile phone, digital still camera etc.)
Package
12 pin Fine Pitch Land Grid Array Package (LGA Type)
Type
Silicon monolithic Bi-CMOS IC


Similar Part No. - AN13206A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1320 STMICROELECTRONICS-AN1320 Datasheet
164Kb / 20P
   IN BALLAST APPLICATIONS
logo
Panasonic Semiconductor
AN13208A PANASONIC-AN13208A Datasheet
459Kb / 17P
   3-ch. video driver IC supporting HD with charge pump
More results

Similar Description - AN13206A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8813 SII-S-8813 Datasheet
366Kb / 29P
   3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
logo
Panasonic Semiconductor
AN13208A PANASONIC-AN13208A Datasheet
459Kb / 17P
   3-ch. video driver IC supporting HD with charge pump
logo
Sanyo Semicon Device
LC410591FN SANYO-LC410591FN Datasheet
88Kb / 11P
   CMOS IC Power Supply IC with Built-in White LED Charge Pump
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Sanken electric
SPF6001 SANKEN-SPF6001 Datasheet
133Kb / 1P
   Charge pump circuit
SPF6102 SANKEN-SPF6102 Datasheet
219Kb / 1P
   Charge pump circuit
logo
Shenzhen Huazhimei Semi...
HM1671 HMSEMI-HM1671 Datasheet
543Kb / 9P
   75 ohm video driver chip with built-in clamping circuit and low-pass filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com