Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN18164B Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN18164B
Description  Car Radio FM/AM tuner IC built-in PLL synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN18164B Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AN18164B Datasheet HTML 1Page - Panasonic Semiconductor AN18164B Datasheet HTML 2Page - Panasonic Semiconductor AN18164B Datasheet HTML 3Page - Panasonic Semiconductor AN18164B Datasheet HTML 4Page - Panasonic Semiconductor AN18164B Datasheet HTML 5Page - Panasonic Semiconductor AN18164B Datasheet HTML 6Page - Panasonic Semiconductor AN18164B Datasheet HTML 7Page - Panasonic Semiconductor AN18164B Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AN18164B
7
SDC00067AEB
Absolute Maximum Ratings
Operating supply voltage range
mA
70
ICC
Supply Current
2
11.1
VCC2
Note
Unit
Rating
Symbol
Parameter
A No.
*3
°C
–55 to +150
Tstg
Storage temperature
5
*3
°C
–40 to +85
Topr
Operating ambient temperature
4
*2
mW
293.6
PD
Power dissipation
3
*1
V
8.7
VCC1
Supply Voltage
1
Note) *1 : Show the case to be used in the situation less than absolute maximum rating and power dissipation.
*2 : Power dissipation is value in simple package and T
a = 85°C.
*3 : Ta = 25
°C except storage temperature, operating ambient temperature and power dissipation.
*
7.2 to 11.0
VCC2
Note
Unit
Rating
Symbol
Parameter
V
7.2 to 8.6
VCC1
Supply voltage range
Note) * : Show the case to be used in the situation less than absolute maximum rating and power dissipation.
V
0 to 11.0
VCC4
12
V
0 to 5.5
SDOUT
13
V
0 to 5.5
SDA
14
V
0 to 5.5
SCL
15
V
0 to 8.6
VCC3
18
V
0 to 8.6
VCC1
29
V
0 to 8.6
VCC2
44
V
0 to 8.6
VCC2
47
Notes
Unit
Range
Pin name
Pin No.
Allowable Voltage Ranges
Note) 1. The ranges on the list are the voltages of respective pins in relation to GND.
The GND represents the voltage of GND1,GND2,GND3, and VSS. And GND1=GND2=GND3=VSS.
2. Do not apply the voltages or the currents from external into the pins which are not on the list.


Similar Part No. - AN18164B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Panasonic Semiconductor
AN18165B PANASONIC-AN18165B Datasheet
223Kb / 7P
   FM-MPX demodulation / FM noise canceller for car radio
More results

Similar Description - AN18164B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
logo
Infineon Technologies A...
TUA4401K INFINEON-TUA4401K Datasheet
504Kb / 41P
   FM Car Radio IC with PLL
V 2.1 23.09.1999
logo
STMicroelectronics
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
   AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
logo
Panasonic Semiconductor
AN7289NFBQ PANASONIC-AN7289NFBQ Datasheet
59Kb / 5P
   FM-FEAM IC for car radio
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com