Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN30888B Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN30888B
Description  High Brightness LED Driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN30888B Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN30888B Datasheet HTML 6Page - Panasonic Semiconductor AN30888B Datasheet HTML 7Page - Panasonic Semiconductor AN30888B Datasheet HTML 8Page - Panasonic Semiconductor AN30888B Datasheet HTML 9Page - Panasonic Semiconductor AN30888B Datasheet HTML 10Page - Panasonic Semiconductor AN30888B Datasheet HTML 11Page - Panasonic Semiconductor AN30888B Datasheet HTML 12Page - Panasonic Semiconductor AN30888B Datasheet HTML 13Page - Panasonic Semiconductor AN30888B Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AN30888B
10
SDG00005AEB
Under Voltage Lock Out (UVLO)
V
2.3
2.1
1.9
VIN Falling SW OFF;
VREG =No load
VUVLOON
Under Voltage protection on value
12
V
0.5
0.3
0.1
VIN Rising SW ON –
VIN Falling SW OFF;
VREG =No load
VUVLOHYS
Under voltage protection Hysteresis
13
V
0.2
–0.2
SW output Low logic;
MOSFET OFF condition
VSWL
SW Low Output Logic
11
Input Pin Current Consumption
μA
25
ENB = 6 V
IENB
Enable Pin Current
9
mA
1
ENB = VIN
No load condition
ICC
Operating Quiescent Current
2
V
VREG
+0.2
0.7
×
VREG
SW output High logic;
MOSFET ON condition
VSWH
SW High Output Logic
10
V
0.3
×
VREG
0
VVFBSELL
VFB_SEL Low Input Logic
6
V
5
0.7
×
VREG
VVFBSELH
VFB_SEL High Input Logic
5
V
0.3
×
VREG
0
VPWML
PWM Low input Logic
8
μA
10
ENB = 0 V
ISTB
Standby Current
1
V
5
0.7
×
VREG
VPWMH
PWM High input Logic
7
V
0.3
0
VENBL
ENB Low Input Logic
4
Output Driver
ENABLE (ENB), VFB_SEL and PWM Control
Function
V
VIN
3
VENBH
ENB High Input Logic
3
Circuit Current Consumption
Limits
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
B
No.
Electrical Characteristics at V
IN = 6 V, ENB = 6 V, PWM = VREG
Note) T
a = 25°C±2°C unless otherwise specified.


Similar Part No. - AN30888B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Panasonic Battery Group
AN30888A PANASONICBATTERY-AN30888A Datasheet
455Kb / 1P
   Standard LED Drivers
More results

Similar Description - AN30888B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Leshan Radio Company
LR5910 LRC-LR5910 Datasheet
273Kb / 6P
   Universal High Brightness LED Driver IC
logo
Shanghai Consonance Ele...
CN5710 CONSONANCE-CN5710 Datasheet
153Kb / 8P
   1A High Brightness LED Driver IC
CN5730 CONSONANCE-CN5730 Datasheet
214Kb / 10P
   Multi-function High Brightness LED Driver IC
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
CN5728 CONSONANCE-CN5728 Datasheet
214Kb / 10P
   Multi-function High Brightness LED Driver IC
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM7139 HMSEMI-HM7139 Datasheet
370Kb / 8P
   High-brightness light-emitting diode (LED) driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com