Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN41402A Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN41402A
Description  2-ch Motor drive IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN41402A Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN41402A Datasheet HTML 7Page - Panasonic Semiconductor AN41402A Datasheet HTML 8Page - Panasonic Semiconductor AN41402A Datasheet HTML 9Page - Panasonic Semiconductor AN41402A Datasheet HTML 10Page - Panasonic Semiconductor AN41402A Datasheet HTML 11Page - Panasonic Semiconductor AN41402A Datasheet HTML 12Page - Panasonic Semiconductor AN41402A Datasheet HTML 13Page - Panasonic Semiconductor AN41402A Datasheet HTML 14Page - Panasonic Semiconductor AN41402A Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN41402A
11
Ver. AEB
Power supply VDD for control circuit
DC
(Typ. 3.3 V)
C1
Total shutdown input
200 k
Ω
B1
B5 : Ch.1 non-inverting output
A5 : Ch.1 inverting output
D5 : Ch.2 non-inverting output
C5 : Ch.2 inverting output
A5,
B5,
C5,
D5
A2 : Ch.1 non-inverting input
B2 : Ch.1 inverting input
A3 : Ch.2 non-inverting input
B3 : Ch.2 inverting input
200 k
Ω
A2,
A3,
B2,
B3
A4 : Power supply 1 for Ch.1 motor drive
B4 : Power supply 2 for Ch.1 motor drive
DC
(Typ. 7.4 V)
A4,
B4
A1 : Ground for control circuit
A6 : Ground 1 for motor drive
D6 : Ground 2 for motor drive
DC
0 V
A1,
A6,
D6
Impedance
Description
Internal circuit
Waveform
and voltage
Pin
No.
A1
A6
D6
C1
142k
58k
PinA2
A3
B2
B3
A4
B4
V
M (7.4 V)
PinB5
D5
PinA5
C5
B1
152k
48k
Technical Data
I/O block circuit diagrams and pin function descriptions
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.


Similar Part No. - AN41402A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
   STLD41 output power capability
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
More results

Similar Description - AN41402A

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
   4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
   5-CH MOTOR DRIVE IC
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
IP9008 INTERPION-IP9008 Datasheet
200Kb / 12P
   5-CH MOTOR DRIVE IC 2-Reg controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com