Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-5320205 Datasheet(PDF) 1 Page - Harwin Plc

Part # M22-5320205
Description  2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M22-5320205 Datasheet(HTML) 1 Page - Harwin Plc

  M22-5320205 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - M22-5320205

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-5300205R HARWIN-M22-5300205R Datasheet
109Kb / 2P
   2.00mm PITCH DIL SMT PIN HEADER WITH PEGS
M22-5300305R HARWIN-M22-5300305R Datasheet
109Kb / 2P
   2.00mm PITCH DIL SMT PIN HEADER WITH PEGS
M22-5300405R HARWIN-M22-5300405R Datasheet
109Kb / 2P
   2.00mm PITCH DIL SMT PIN HEADER WITH PEGS
M22-5300505R HARWIN-M22-5300505R Datasheet
109Kb / 2P
   2.00mm PITCH DIL SMT PIN HEADER WITH PEGS
M22-5300605R HARWIN-M22-5300605R Datasheet
109Kb / 2P
   2.00mm PITCH DIL SMT PIN HEADER WITH PEGS
More results

Similar Description - M22-5320205

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-6340342 HARWIN-M22-6340342 Datasheet
90Kb / 1P
   2.00 mm PITCH DIL SMT LOW PROFILE SKT ASSEMBLY
M40-3200345R HARWIN-M40-3200345R Datasheet
145Kb / 2P
   1.00mm PITCH DIL SMT PIN HEADER ASSEMBLY
M50-3600142 HARWIN-M50-3600142 Datasheet
136Kb / 1P
   1.27 mm PITCH DIL VERTICAL SMT PIN HEADER
M22-7140342 HARWIN-M22-7140342 Datasheet
106Kb / 1P
   2.00 mm PITCH DIL VERTICAL SOCKET ASSEMBLY
M22-5430305 HARWIN-M22-5430305 Datasheet
62Kb / 1P
   2.00m PITCH DIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M50-4905045 HARWIN-M50-4905045 Datasheet
85Kb / 1P
   1.27 mm PITCH DIL SMT PIN HEADER ASSY
M50-4910545R HARWIN-M50-4910545R Datasheet
132Kb / 2P
   1.27mm PITCH DIL SMT PIN HEADER ASSEMBLY WITH PEGS
M50-360XX42 HARWIN-M50-360XX42 Datasheet
56Kb / 1P
   1.27MM PITCH DIL VERTICAL SMT PIN HEADER
M50-360 HARWIN-M50-360_11 Datasheet
60Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT PIN HEADER
M50-3600242 HARWIN-M50-3600242 Datasheet
76Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT PIN HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com