Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZT3150 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DZT3150
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT3150 Datasheet(HTML) 1 Page - Diodes Incorporated

  DZT3150_1 Datasheet HTML 1Page - Diodes Incorporated DZT3150_1 Datasheet HTML 2Page - Diodes Incorporated DZT3150_1 Datasheet HTML 3Page - Diodes Incorporated DZT3150_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DZT3150
NPN SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-223
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.115 grams (approximate)
2
3
4
1
SOT-223
3
1
2,4
COLLECTOR
BASE
EMITTER
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
5.0
A
Base Current
IB
1.0
A
Power Dissipation
PD
1 (Note 3)
2 (Note 4)
W
Thermal Resistance, Junction-to-Ambient
RθJA
125 (Note 3)
62.5 (Note 4)
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
V
IC = 10mA, IB = 0
Collector Cutoff Current
ICBO
1.0
μA
VCB = 50V, IE = 0
Emitter Cutoff Current
IEBO
1.0
μA
VEB = 7.0V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
0.35
0.50
V
V
IC = 3.0A, IB = 150mA
IC = 4.0A, IB = 200mA
Base-Emitter Saturation Voltage
VBE(SAT)
1.10
1.40
V
V
IC = 3.0A, IB = 150mA
IC = 4.0A, IB = 200mA
DC Current Gain
hFE
250
150
50
500
IC = 500mA, VCE = 2.0V
IC = 2.0A,
VCE = 2.0V
IC = 5.0A,
VCE = 2.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
150
MHz
IC = 50mA, VCE = 6.0V,
f = 200MHz
Output Capacitance
Cobo
50
pF
VCB = 10V, IE = 0, f = 1MHz
Note:
1.
No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, pad layout as shown on page 3.
4. Device mounted on Polyimide PCB with a copper area of 1.8cm
2.
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%
DS30785 Rev. 4 - 2
1 of 4
www.diodes.com
DZT3150
© Diodes Incorporated


Similar Part No. - DZT3150_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150-13 DIODES-DZT3150-13 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DZT3150 DIODES-DZT3150_15 Datasheet
351Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DZT3150_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com