Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMT17-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # IMT17-7
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMT17-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  IMT17-7 Datasheet HTML 1Page - Diodes Incorporated IMT17-7 Datasheet HTML 2Page - Diodes Incorporated IMT17-7 Datasheet HTML 3Page - Diodes Incorporated IMT17-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMT17
Document number: DS31202 Rev. 4 - 2
3 of 4
www.diodes.com
March 2009
© Diodes Incorporated
IMT17
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
Cibo
Cobo
f = 1MHz
0
50
100
150
200
250
300
0
2040
6080
100
I , EMITTER CURRENT (mA)
E
Fig. 8 Typical Gain-Bandwidth Product vs. Emitter Current
V
= -5V
f = 100MHz
CE
Ordering Information (Note 5)
Part Number
Case
Packaging
IMT17-7
SOT-26
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
All Dimensions in mm
KP1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
KP1 YM
A
M
J
L
D
B C
H
K


Similar Part No. - IMT17-7

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
IMT17-AG6-R UTC-IMT17-AG6-R Datasheet
109Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
More results

Similar Description - IMT17-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
   Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT3906 DIODES-MMDT3906 Datasheet
59Kb / 3P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com