Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4747A Datasheet(PDF) 2 Page - Diotech Company.

Part # 1N4747A
Description  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N4747A Datasheet(HTML) 2 Page - Diotech Company.

  1N4747A Datasheet HTML 1Page - Diotech Company. 1N4747A Datasheet HTML 2Page - Diotech Company. 1N4747A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4728A THRU 1N4764A
1W EPITAXIAL ZENER DIODE
Electrical Characteristics @T
A=25°C unless otherwise specified
Nominal Zener
Voltage (Note 2)
Test Current
Maximum Zener Impedance (Note 3)
Leakage Current
Max Surge
Current
8.3ms
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
IZS
Type
Number
(Note 1)
(V)
(mA)
( )
( )
(mA)
(µA)
(V)
(mA)
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
3.3
3.6
3.9
4.3
4.7
76
69
64
58
53
10
10
9.0
9.0
8.0
400
400
400
400
500
1.0
1.0
1.0
1.0
1.0
100
100
50
10
10
1.0
1.0
1.0
1.0
1.0
1380
1260
1190
1070
970
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
5.1
5.6
6.2
6.8
7.5
49
45
41
37
34
7.0
5.0
2.0
3.5
4.0
550
600
700
700
700
1.0
1.0
1.0
1.0
0.5
10
10
10
5.0
5.0
1.0
2.0
3.0
4.0
5.0
890
810
730
660
605
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
8.2
9.1
10
11
12
31
28
25
23
21
4.5
5.0
7.0
8.0
9.0
700
700
700
700
700
0.5
0.5
0.25
0.25
0.25
5.0
0.5
0.5
0.1
0.1
6.0
7.0
7.6
8.4
9.1
550
500
454
414
380
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
13
15
16
18
20
19
17
15.5
14
12.5
10
14
16
20
22
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
9.9
11.4
12.2
13.7
15.2
344
304
285
250
225
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
22
24
27
30
33
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
16.7
18.2
20.6
22.8
25.1
205
190
170
150
135
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
36
39
43
47
51
7.0
6.5
6.0
5.5
5.0
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
27.4
29.7
32.7
35.8
38.8
125
115
110
95
90
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
56
62
68
75
82
4.5
4.0
3.7
3.3
3.0
110
125
150
175
200
2000
2000
2000
2000
3000
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
42.6
47.1
51.7
56.0
62.2
80
70
65
60
55
1N4763A
1N4764A
91
100
2.8
2.5
250
350
3000
3000
0.25
0.25
0.1
0.1
69.2
76.0
50
45
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured under thermal equilibrium and DC (IZT) test conditions.
3. The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10%
of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve and to eliminate unstable units.


Similar Part No. - 1N4747A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4747A PHILIPS-1N4747A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4747A RENESAS-1N4747A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4747A ANOVA-1N4747A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4747A ETC1-1N4747A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4747A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
ZM4728A DIOTECH-ZM4728A Datasheet
901Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com