Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9406 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9406
Description  2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA9406 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCA9406 Datasheet HTML 6Page - Texas Instruments TCA9406 Datasheet HTML 7Page - Texas Instruments TCA9406 Datasheet HTML 8Page - Texas Instruments TCA9406 Datasheet HTML 9Page - Texas Instruments TCA9406 Datasheet HTML 10Page - Texas Instruments TCA9406 Datasheet HTML 11Page - Texas Instruments TCA9406 Datasheet HTML 12Page - Texas Instruments TCA9406 Datasheet HTML 13Page - Texas Instruments TCA9406 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TCA9406
SCPS221 – JULY 2010
www.ti.com
PRINCIPLES OF OPERATION
Application Notes
The TCA9406 A-Port I/O has open-drain outputs with an internal 10-k
Ω pullup resistor to VCCA, and B-Port I/O
has an internal 10-k
Ω pullup resistor to VCCB. If a smaller value of pullup resistor is required, an external resistor
must be added from the I/O to VCCA or VCCB (in parallel with the internal 10-kΩ resistors). Adding lower value
pullup resistors changes VOL levels. When the OE pin is set low, the internal pullups of the TCA9406 are
disabled for power saving caused by pullup resistors.
Figure 1. Typical Design Example
The TCA6406 has a VCC isolation feature known as Ioff partial power down and backdrive protection. If a cable is
connected, and the connected external system is still powered own, the system can be put into standby mode by
shutting down the power rail. In this state, the TCA6406 has a leakage current of approximately 2 µA caused by
current flow from powered-on system.
Power Up, Power Down
One advantage of the TCA9406 translator is that either power supply can be ramped up first. Another advantage
is that either power supply can be set to 0 V, and the outputs are in high-impedance state.
The recommended power up sequence is:
1. Apply power to the first VCC and apply the second VCC
2. Drive the OE input high to enable the device
The recommended power down sequence is:
1. Drive OE input low to disable the device
2. Switch Off the power from either VCC and remove power from other VCC.
Enable/Disable
The TCA9406 han an OE input that is used to disable the device by setting OE low, which place all I/Os in the
high-impedance state. The control OE is referenced to the VCCA supply. A pulldown resistor tying OE to ground
should be used to ensure that bus contention, excessive currents, or oscillations do not occur during power up
and power down. The value of resistor is based upon the current sinking capability of the device.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TCA9406


Similar Part No. - TCA9406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406YZPR TI-TCA9406YZPR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
More results

Similar Description - TCA9406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com