Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A3G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1A3G
Description  MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1A3G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1A3G Datasheet HTML 1Page - Pan Jit International Inc. 1A3G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.04.2009
1
1A1G~1A7G
FEATURES
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Glass passivated junction version of 1A1G thru 1A7G
in R-1 package.
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded plastic, R-1
• Terminals: Axial leads, solderable to MIL-STD-750, Method 2026
• Polarity: Color Band denotes cathode end
• Mounting Position: Any
• Weight: 0.0068 ounce, 0.1937 gram
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
NOTES:
1.Measured at 1MHz and applied reverse voltage of 4.0 VDC.
*JEDEC Registered Value.
.025(.64)
.102(2.6)
.021(.53)
.087(2.2)
R-1
Unit: inch(mm)
VOLTAGE
50 to 1000 Volts
1.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
G
1
A
1G
2
A
1G
3
A
1G
4
A
1G
5
A
1G
6
A
1G
7
A
1
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
5
7
=
O C
I
(
F)
V
A
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
3A
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
1
.
1V
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
MT
J
5
2
=
O C
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
RT
J
0
0
1
=
O C
I
R
1
0
5
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C
J
5
1F
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
A
J
0
5
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - 1A3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A3G PANJIT-1A3G Datasheet
51Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
HY ELECTRONIC CORP.
1A3G HY-1A3G Datasheet
775Kb / 3P
   Glass Passivated Rectifiers
logo
Rectron Semiconductor
1A3G RECTRON-1A3G Datasheet
22Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
logo
Jinan Gude Electronic D...
1A3G JGD-1A3G Datasheet
127Kb / 2P
   1.0 AMP.GLASS PASSIVATED RECTIFIERS
logo
Pan Jit International I...
1A3G PANJIT-1A3G Datasheet
117Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - 1A3G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
New Jersey Semi-Conduct...
1N4383GP NJSEMI-1N4383GP Datasheet
156Kb / 1P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06M-E3 VISHAY-MPG06M-E3 Datasheet
75Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
Revision: 04-Jul-13
MPG06A VISHAY-MPG06A_V01 Datasheet
434Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
02-Oct-12
logo
General Semiconductor
MPG06A GE-MPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
List of Unclassifed Man...
BY126MGP ETC-BY126MGP Datasheet
94Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06A VISHAY-MPG06A Datasheet
78Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
logo
Pan Jit International I...
1A1G PANJIT-1A1G_07 Datasheet
117Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
General Semiconductor
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
RL101G GOOD-ARK-RL101G Datasheet
182Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com