Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59282 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59282 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC59282 Datasheet HTML 5Page - Texas Instruments TLC59282 Datasheet HTML 6Page - Texas Instruments TLC59282 Datasheet HTML 7Page - Texas Instruments TLC59282 Datasheet HTML 8Page - Texas Instruments TLC59282 Datasheet HTML 9Page - Texas Instruments TLC59282 Datasheet HTML 10Page - Texas Instruments TLC59282 Datasheet HTML 11Page - Texas Instruments TLC59282 Datasheet HTML 12Page - Texas Instruments TLC59282 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
T
,T
,T
,T
,T
:
WH0
WH1
WL0
WH2
WL2
INPUT
(1)
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
T
,T
,T ,T :
SU0
SU1
H0
H1
T
SU
T
H
V
CC
V
CC
GND
V
CC
GND
GND
50%
50%
50%
T
WH
T
WL
t
,t
,t
,t
,t
,t
,t
:
R0
R1
F0
F1
D0
D1
D2
,t
,t
D3
D4
INPUT
(1)
50%
50%
90%
10%
OUTPUT
t
D
t
ort
R
F
V
orV
OL
OUTn
V
orV
OH
OUTn
GND
V
CC
TLC59282
www.ti.com
SBVS152A – DECEMBER 2010 – REVISED DECEMBER 2010
TIMING DIAGRAMS
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 7. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 8. Output Timing
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC59282


Similar Part No. - TLC59282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI-TLC59282 Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQ TI-TLC59282DBQ Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQ TI1-TLC59282DBQ Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI1-TLC59282DBQR Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
More results

Similar Description - TLC59282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI1-TLC59282_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59284 TI-TLC59284 Datasheet
975Kb / 23P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Switching Delay
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com