Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N4148W
Description  SURFACE MOUNT SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4148W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4148W_09 Datasheet HTML 1Page - Pan Jit International Inc. 1N4148W_09 Datasheet HTML 2Page - Pan Jit International Inc. 1N4148W_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.5.2009
1N4148W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
410mWatts
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case: SOD-123 plastic case.
Terminals : Solderable per MIL-STD-750,Method 2026
Standard packaging: 8mm tape
Weight: approximately 0.01 gram
Marking Code: A2
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
SOD-123
Unit:inch(mm)
.154(3.90)
.110(2.8)
.141(3.60)
.098(2.5)
.005(.12)MAX
.016(.40)MIN
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
W
8
4
1
4
N
1
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
VR
5
7
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
VRM
0
0
1
V
e
g
a
tl
o
V
S
M
R
VRMS
0
5
V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
VDC
5
7
V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
A
5
2
=
OC
I AV
0
5
1
A
m
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
µs
I FSM
4
A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
OC
PTOT
0
1
4
W
m
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
VF
A
1
0
0
.
0
@
5
1
7
.
0
A
1
0
.
0
@
5
5
8
.
0
A
5
0
.
0
@
0
.
1
A
5
1
.
0
@
5
2
.
1
V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
TJ
5
2
=
OC
I R
V
0
2
@
5
2
0
.
0
V
5
7
@
5
.
2
µA
)
1
s
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
CJ
5
.
1
F
p
)
2
s
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
0
.
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θJA
0
5
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
OC


Similar Part No. - 1N4148W_09

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
   Surface Mount Small Signal Diodes
More results

Similar Description - 1N4148W_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com