Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6A8167 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C6A8167
Description  TMS320C6A816x Integra DSPARM Processors
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6A8167 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C6A8167 Datasheet HTML 4Page - Texas Instruments TMS320C6A8167 Datasheet HTML 5Page - Texas Instruments TMS320C6A8167 Datasheet HTML 6Page - Texas Instruments TMS320C6A8167 Datasheet HTML 7Page - Texas Instruments TMS320C6A8167 Datasheet HTML 8Page - Texas Instruments TMS320C6A8167 Datasheet HTML 9Page - Texas Instruments TMS320C6A8167 Datasheet HTML 10Page - Texas Instruments TMS320C6A8167 Datasheet HTML 11Page - Texas Instruments TMS320C6A8167 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 280 page
background image
TMS320C6A8168
TMS320C6A8167
SPRS680 – OCTOBER 2010
www.ti.com
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
C6A8168/C6A8167
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x1003
C674x Megamodule Revision
Revision ID Register (MM_REVID[15:0])
0x0000
JTAG BSDL_ID
JTAGID Register
0x0B81 E02F
ARM® Cortex™-A8: Up to 1.5 GHz
CPU Frequency
MHz
DSP: Up to 1.5 GHz
ARM® Cortex™-A8: 0.67 ns
Cycle Time
ns
DSP: 0.67 ns
Core Logic (V)
1.0 V with Required AVS Capability
USB Logic (V)
0.9 V
Voltage
RAM (V)
1.0 V
I/O (V)
1.5 V, 1.8 V, 3.3 V
Package
25 x 25 mm
1031-Pin BGA (CYG)
Process Technology
µm
0.04 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PP
or Production Data (PD)
(1)
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
2.3
ARM Subsystem
The ARM subsystem is designed to give the ARM Cortex-A8 master control of the device. In general, the
ARM Cortex-A8 is responsible for configuration and control of the various subsystem, peripherals, and
external memories.
The ARM subsystem includes the following features:
ARM Cortex-A8 RISC processor:
ARMv7 ISA plus Thumb®-2, Jazelle-X, and media extensions
NEON floating-point unit
Enhanced memory management unit (MMU)
Little Endian
32KB L1 instruction cache
32KB L1 data cache
256KB L2 cache
Foresight embedded trace module (ETM)
ARM Cortex-A8 interrupt controller (AINTC)
64KB internal RAM
48KB internal public ROM.
8
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6A8168 TMS320C6A8167


Similar Part No. - TMS320C6A8167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6000 TI-TMS320C6000 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6000 TI-TMS320C6000 Datasheet
1Mb / 126P
[Old version datasheet]   Code Composer Studio Tutorial
logo
List of Unclassifed Man...
TMS320C6000 ETC2-TMS320C6000 Datasheet
3Mb / 45P
   Interface with synchronous dynamic memories
logo
Texas Instruments
TMS320C6000GDP167 TI-TMS320C6000GDP167 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6000GDP200 TI-TMS320C6000GDP200 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6A8167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP_16 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
OMAP-L132 TI1-OMAP-L132_14 Datasheet
1Mb / 232P
[Old version datasheet]   DSP ARM Processor
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com