Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6670 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6670
Description  Multicore Fixed and Floating-Point System-on-Chip
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6670 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320C6670 Datasheet HTML 8Page - Texas Instruments TMS320C6670 Datasheet HTML 9Page - Texas Instruments TMS320C6670 Datasheet HTML 10Page - Texas Instruments TMS320C6670 Datasheet HTML 11Page - Texas Instruments TMS320C6670 Datasheet HTML 12Page - Texas Instruments TMS320C6670 Datasheet HTML 13Page - Texas Instruments TMS320C6670 Datasheet HTML 14Page - Texas Instruments TMS320C6670 Datasheet HTML 15Page - Texas Instruments TMS320C6670 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 206 page
background image
12
Copyright 2010 Texas Instruments Incorporated
SPRS689—November 2010
Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670
www.ti.com
1.1 KeyStone Architecture
TI’s KeyStone Multicore Architecture provides a high performance structure for integrating RISC and DSP cores
with application specific coprocessors and I/O. KeyStone is the first of its kind that provides adequate internal
bandwidth for nonblocking access to all processing cores, peripherals, coprocessors, and I/O. This is achieved with
four main hardware elements: Multicore Navigator, TeraNet, Multicore Shared Memory Controller, and
HyperLink.
Multicore Navigator is an innovative packet-based manager that controls 8192 queues. When tasks are allocated to
the queues, Multicore Navigator provides hardware-accelerated dispatch that directs tasks to the appropriate
available hardware. The packet-based system on a chip (SoC) uses the two Tbps capacity of the TeraNet switched
central resource to move packets. The Multicore Shared Memory Controller enables processing cores to access
shared memory directly without drawing from TeraNet’s capacity, so packet movement cannot be blocked by
memory access.
HyperLink provides a 50-Gbps chip-level interconnect that allows SoCs to work in tandem. Its low-protocol
overhead and high throughput make Hyperlink an ideal interface for chip-to-chip interconnections. Working with
Multicore Navigator, HyperLink dispatches tasks to tandem devices transparently and executes tasks as if they are
running on local resources.
1.2 Device Description
The TMS320C6670 Communications Infrastructure KeyStone SoC is a member of the C66xx SoC family based on
TI's new KeyStone Multicore SoC Architecture designed specifically for high performance wireless infrastructure
applications. The C6670 provides a very high performance macro basestation platform for developing all wireless
standards including WCDMA/HSPA/HSPA+, TD-SCDMA, GSM, TDD-LTE, FDD-LTE, and WiMAX. The C6670
also sets a new standard for clock speed with operating frequencies up to 1.2 GHz.
TI's SoC architecture provides a programmable platform integrating various subsystems (C66x cores, IP network,
radio layers 1 and 2, and transport processing) and uses a queue-based communication system that allows the SoC
resources to operate efficiently and seamlessly. This unique SoC architecture also includes a TeraNet Switch that
enables the wide mix of system elements, from programmable cores to dedicated coprocessors and high speed IO,
to each operate at maximum efficiency with no blocking or stalling.
TI's new C66x core launches a new era of DSP technology by combining fixed point and floating point
computational capability in the processor without sacrificing speed, size, or power consumption. The
raw computational performance is an industry-leading 32 GMACS/core and 16 Gflops/core (@ 1.2 GHz operating
frequency). The C66x is also 100% backward compatible with software for C64x+ devices. The C66x core
incorporates 90 new instructions targeted for floating point (FPi) and vector math oriented (VPi) processing. These
enhancements yield tremendous performance improvements in multi-antenna 4.8G signal processing for
algorithms like MIMO and beamforming.
The C6670 contains many wireless basestation coprocessors to offload the bulk of the processing demands of layer 1
and layer 2 base station processing. This keeps the cores free for receiver algorithms and other differentiating
functions. The SoC contains numerous copies of key coprocessors such as the FFTC and TCP3d. The architectural
elements of the SoC (Multicore Navigator) ensure that all the bits are processed without any CPU intervention or
overhead, allowing the system to make optimal use of its resources.
TI's scalable multicore SoC architecture solutions provide developers with a range of software- and
hardware-compatible devices to minimize development time and maximize reuse across all base station platforms
from Femto to Macro.


Similar Part No. - TMS320C6670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670ACYP2 TI-TMS320C6670ACYP2 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670ACYPA TI-TMS320C6670ACYPA Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670ACYPA2 TI-TMS320C6670ACYPA2 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670AXCYP TI-TMS320C6670AXCYP Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
More results

Similar Description - TMS320C6670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670AXCYPA2 TI-TMS320C6670AXCYPA2 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com